Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4200 Datasheet(PDF) 89 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 89 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 85Page - Analog Devices ADPD4200 Datasheet HTML 86Page - Analog Devices ADPD4200 Datasheet HTML 87Page - Analog Devices ADPD4200 Datasheet HTML 88Page - Analog Devices ADPD4200 Datasheet HTML 89Page - Analog Devices ADPD4200 Datasheet HTML 90Page - Analog Devices ADPD4200 Datasheet HTML 91Page - Analog Devices ADPD4200 Datasheet HTML 92Page - Analog Devices ADPD4200 Datasheet HTML 93Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 89 / 93 page
background image
Data Sheet
ADPD4200
REGISTER DETAILS
analog.com
Rev. 0 | 89 of 93
Table 33. Register Details
Addr
Name
Bits
Bit Name
Description
Reset
Access
0x0274
DIGINT_DARK_L
LED CONTROL AND TIMING REGISTERS
Table 34. Register Details
Addr
Name
Bits
Bit Name
Description
Reset Access
0x0105
LED_POW12_A
15
LED_DRIVESIDE2_x
LED Output Select for LED2x.
0x0
R/W
0x0125
LED_POW12_B
0: drive LED on Output LED2A.
0x0145
LED_POW12_C
0x0165
LED_POW12_D
[14:8]
LED_CURRENT2_x
LED Current Setting for LED2A Output. Set to 0 to disable. Output current varies
monotonically from 2 mA to 200 mA for values between 0x01 and 0x7F.
0x0
R/W
0x0185
LED_POW12_E
0x01A5
LED_POW12_F
0x01C5
LED_POW12_G
7
LED_DRIVESIDE1_x
LED Output Select for LED1x.
0x0
R/W
0x01E5
LED_POW12_H
0: drive LED on Output LED1A.
0x0205
LED_POW12_I
0x0225
LED_POW12_J
[6:0]
LED_CURRENT1_x
LED Current Setting for LED1A Output. Set to 0 to disable. Output current varies
monotonically from 2 mA to 200 mA for values between 0x01 and 0x7F.
0x0
R/W
0x0245
LED_POW12_K
0x0265
LED_POW12_L
0x0106
LED_POW34_A
15
LED_DRIVESIDE4_x
LED Output Select for LED4x.
0x0
R/W
0x0126
LED_POW34_B
0: drive LED on Output LED4A.
0x0146
LED_POW34_C
0x0166
LED_POW34_D
[14:8]
LED_CURRENT4_x
LED Current Setting for LED4A Output. Set to 0 to disable. Output current varies
monotonically from 2 mA to 200 mA for values between 0x01 and 0x7F.
0x0
R/W
0x0186
LED_POW34_E
0x01A6
LED_POW34_F
0x01C6
LED_POW34_G
7
LED_DRIVESIDE3_x
LED Output Select for LED3x.
0x0
R/W
0x01E6
LED_POW34_H
0: drive LED on Output LED3A.
0x0206
LED_POW34_I
0x0226
LED_POW34_J
[6:0]
LED_CURRENT3_x
LED Current Setting for LED3A Output. Set to 0 to disable. Output current varies
monotonically from 2 mA to 200 mA for values between 0x01 and 0x7F.
0x0
R/W
0x0246
LED_POW34_K
0x0266
LED_POW34_L
0x0109
LED_PULSE_A
[15:8]
LED_WIDTH_x
LED Pulse Width in μs. 0 = disable.
0x2
R/W
0x0129
LED_PULSE_B
[7:0]
LED_OFFSET_x
LED Pulse Offset in μs. Set to a minimum of 16 μs (0x10). Must be >0.
0x10
R/W
0x0149
LED_PULSE_C
0x0169
LED_PULSE_D
0x0189
LED_PULSE_E
0x01A9
LED_PULSE_F
0x01C9
LED_PULSE_G
0x01E9
LED_PULSE_H
0x0209
LED_PULSE_I
0x0229
LED_PULSE_J
0x0249
LED_PULSE_K
0x0269
LED_PULSE_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com