Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4200 Datasheet(PDF) 35 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 31Page - Analog Devices ADPD4200 Datasheet HTML 32Page - Analog Devices ADPD4200 Datasheet HTML 33Page - Analog Devices ADPD4200 Datasheet HTML 34Page - Analog Devices ADPD4200 Datasheet HTML 35Page - Analog Devices ADPD4200 Datasheet HTML 36Page - Analog Devices ADPD4200 Datasheet HTML 37Page - Analog Devices ADPD4200 Datasheet HTML 38Page - Analog Devices ADPD4200 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 93 page
background image
Data Sheet
ADPD4200
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 35 of 93
Figure 32. Multiple Integration Mode with LED as Stimulus
Table 21. Relevant Settings for Multiple Integration Mode
Group
Time Slot A Register Address1
Bit Field Name
Description
Multiple Integration Mode
Using LED as Stimulus
0x0100, Bits[13:12]
SAMPLE_TYPE_x
Leave at the default setting (0) for default sampling mode.
0x0101, Bits[8:0]
AFE_PATH_CFG_x
Set to 0x0DA for TIA, BPF, integrator, and ADC.
0x0102, Bits[15:12], 0x0103,
Bits[3:0]
INPxx_x
Enable desired inputs.
0x0103, Bits[14:12]
PRECON_x
Set to 0x5 to precondition anode of the photodiode to TIA_VREF.
0x0103, Bits[7:6], 0x0103, Bits[1:0] VCx_SEL_x
Set to 0x2 to set ~250 mV reverse bias across photodiode.
0x0104, Bits[5:0]
TIA_GAIN_CHx_x
Select TIA gain.
0x0104, Bits[9:8]
AFE_TRIM_VREF_x
Set to 0x3 to set TIA_VREF = 1.27 V for maximum dynamic range.
Timing
0x0107, Bits[15:8]
NUM_INT_x
Set to a number that utilizes most of the dynamic range of integrator
available, leaving some margin for fluctuations in input level.
0x0107, Bits[7:0]
NUM_REPEAT_x
Set NUM_REPEAT_x to the number of times to repeat the multiple
integration sequence. SNR increases by a factor of √(NUM_REPEAT_x).
Total number of pulses is equal to NUM_REPEAT_x × NUM_INT_x.
0x010A, Bits[4:0]
INTEG_WIDTH_x
Integration time in µs. Set to LED_WIDTH_x + 1.
0x010B, Bits[12:0]
INTEG_OFFSET_x
Integration sequence start time = INTEG_OFFSET_x. Optimize as described
in the Optimizing Position of Integration Sequence section.
LED Settings
0x0105, Bit 15, 0x0105, Bit 7,
0x0106, Bit 15, and 0x0106, Bit 7
LED_DRIVESIDEx_x
Select LED for time slot used.
0x0105, Bits[14:8], 0x0105,
Bits[6:0], 0x0106, Bits[14:8],
0x0106, Bits[6:0]
LED_CURRENTx_x
Set LED current for selected LED.
0x0109, Bits[7:0]
LED_OFFSET_x
Sets start time of first LED pulse in 1 μs increments and 0x10 default (16
μs).
0x0109, Bits[15:8]
LED_WIDTH_x
Sets width of LED pulse in 1 μs increments, and 2 μs or 3 μs recommended.
1 This is the Time Slot A register address. Add 0x020 for the identical register address for each subsequent time slot. For example, Register 0x0100 is the location
for SAMPLE_TYPE_A. For Time Slot B, this register is at Address 0x0120. For Time Slot C, this register is at Address 0x0140. For Time Slot D, this register is at
Address 0x0160, and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com