Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4200 Datasheet(PDF) 11 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 7Page - Analog Devices ADPD4200 Datasheet HTML 8Page - Analog Devices ADPD4200 Datasheet HTML 9Page - Analog Devices ADPD4200 Datasheet HTML 10Page - Analog Devices ADPD4200 Datasheet HTML 11Page - Analog Devices ADPD4200 Datasheet HTML 12Page - Analog Devices ADPD4200 Datasheet HTML 13Page - Analog Devices ADPD4200 Datasheet HTML 14Page - Analog Devices ADPD4200 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
Data Sheet
ADPD4200
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 11 of 93
Figure 5. LED Driver Current vs. LED1A Driver Compliance at 10 mA, 40mA,
120 mA, and 200 mA
Figure 6. AC PSRR vs. Frequency
Figure 7. Input Referred Noise vs. TIA Gain
Figure 8. SNR vs. Number of Pulses, CPD = 70 pF
Figure 9. Referred to Input Noise vs. Input Capacitance
Figure 10. Ambient Light Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com