Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4200 Datasheet(PDF) 87 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 87 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 83Page - Analog Devices ADPD4200 Datasheet HTML 84Page - Analog Devices ADPD4200 Datasheet HTML 85Page - Analog Devices ADPD4200 Datasheet HTML 86Page - Analog Devices ADPD4200 Datasheet HTML 87Page - Analog Devices ADPD4200 Datasheet HTML 88Page - Analog Devices ADPD4200 Datasheet HTML 89Page - Analog Devices ADPD4200 Datasheet HTML 90Page - Analog Devices ADPD4200 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 93 page
background image
Data Sheet
ADPD4200
REGISTER DETAILS
analog.com
Rev. 0 | 87 of 93
Table 32. Register Details
Addr
Name
Bits
Bit Name
Description
Reset
Access
0x0252
DECIMATE_K
0x0272
DECIMATE_L
AFE TIMING SETUP REGISTERS
Table 33. Register Details
Addr
Name
Bits
Bit Name
Description
Reset
Access
0x0107
COUNTS_A
[15:8]
NUM_INT_x
Number of ADC Cycles or Acquisition Width. Number of analog integration
cycles per ADC conversion or the acquisition width for digital integration
and impulse mode. A setting of 0 is not allowed.
0x1
R/W
0x0127
COUNTS_B
0x0147
COUNTS_C
0x0167
COUNTS_D
0x0187
COUNTS_E
[7:0]
NUM_REPEAT_x
Number of Sequence Repeats. Total number of pulses = NUM_INT_x ×
NUM_REPEAT_x. A setting of 0 is not allowed.
0x1
R/W
0x01A7
COUNTS_F
0x01C7
COUNTS_G
0x01E7
COUNTS_H
0x0207
COUNTS_I
0x0227
COUNTS_J
0x0247
COUNTS_K
0x0267
COUNTS_L
0x0108
PERIOD_A
[15:14]
Reserved
Reserved.
0x0
R
0x0128
PERIOD_B
[13:12]
MOD_TYPE_x
Modulation Connection Type.
0x0
R/W
0x0148
PERIOD_C
00: TIA is continuously connected to input after precondition. No
connection modulation.
0x0168
PERIOD_D
0x0188
PERIOD_E
01: Float type operation. Pulse connection from input to TIA with
modulation pulse, floating between pulses.
0x01A8
PERIOD_F
0x01C8
PERIOD_G
10: Nonfloat type connection modulation. Pulse connection from input to
TIA. Connect to precondition value between pulses.
0x01E8
PERIOD_H
0x0208
PERIOD_I
0x0228
PERIOD_J
[11:10]
Reserved
Reserved.
0x0
R
0x0248
PERIOD_K
[9:0]
MIN_PERIOD_x
Minimum Period for Pulse Repetition in μs. Override for the automatically
calculated period. Used in float type operations to set the float time
of the second and subsequent floats using the formula: Float Time =
MIN_PERIOD_x – MOD_WIDTH_x.
0x0
R/W
0x0268
PERIOD_L
0x010A
INTEG_SETUP_A
15
SINGLE_INTEG_x
Use single integrator pulse.
0x0
R/W
0x012A
INTEG_SETUP_B
0: use both generated integrator clocks.
0x014A
INTEG_SETUP_C
1: skip the second integrator clock.
0x016A
INTEG_SETUP_D
[14:12]
CH2_AMP_DISABLE_x
Amplifier disables for power control. Set the appropriate bit to disable the
Channel 2 amplifier in Time Slot x.
0x0
R/W
0x018A
INTEG_SETUP_E
0: TIA.
0x01AA
INTEG_SETUP_F
1: band-pass filter.
0x01CA
INTEG_SETUP_G
2: integrator.
0x01EA
INTEG_SETUP_H
11
AFE_INT_C_BUF_x
Set to 1 to configure the integrator as a buffer in Time Slot x.
0x0
R/W
0x020A
INTEG_SETUP_I
[10:8]
CH1_AMP_DISABLE_x
Amplifier disables for power control. Set the appropriate bit to disable the
Channel 1 amplifier in Time Slot x.
0x0
R/W
0x022A
INTEG_SETUP_J
0: TIA.
0x024A
INTEG_SETUP_K
1: band-pass filter.
0x026A
INTEG_SETUP_L
2: integrator.
[7:6]
ADC_COUNT_x
ADC Conversions per Pulse. Number of conversions = ADC_COUNT + 1.
0x0
R/W
5
Reserved
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com