Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4200 Datasheet(PDF) 63 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 59Page - Analog Devices ADPD4200 Datasheet HTML 60Page - Analog Devices ADPD4200 Datasheet HTML 61Page - Analog Devices ADPD4200 Datasheet HTML 62Page - Analog Devices ADPD4200 Datasheet HTML 63Page - Analog Devices ADPD4200 Datasheet HTML 64Page - Analog Devices ADPD4200 Datasheet HTML 65Page - Analog Devices ADPD4200 Datasheet HTML 66Page - Analog Devices ADPD4200 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 93 page
background image
Data Sheet
ADPD4200
REGISTER MAP
analog.com
Rev. 0 | 63 of 93
Table 25. Register Map Summary
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
[7:0]
NUM_REPEAT_I[7:0]
0x0208
PERIOD_I
[15:8]
Reserved
MOD_TYPE_I[1:0]
Reserved
MIN_PERIOD_I[9:8]
0x0000
R/W
[7:0]
MIN_PERIOD_I[7:0]
0x0209
LED_PULSE
_I
[15:8]
LED_WIDTH_I[7:0]
0x0210
R/W
[7:0]
LED_OFFSET_I[7:0]
0x020A
INTEG_
SETUP_I
[15:8]
SINGLE_
INTEG_I
CH2_AMP_DISABLE_I[2:0]
AFE_INT_
C_BUF_I
CH1_AMP_DISABLE_I[2:0]
0x0003
R/W
[7:0]
ADC_COUNT_I[1:0]
Reserved
INTEG_WIDTH_I[4:0]
0x020B
INTEG_OS_I [15:8]
Reserved
INTEG_ OFFSET_I[12:8]
0x0214
R/W
[7:0]
INTEG_OFFSET_I[7:0]
0x020C
MOD_
PULSE_I
[15:8]
MOD_WIDTH_I[7:0]
0x0001
R/W
[7:0]
MOD_OFFSET_I[7:0]
0x020D
PATTERN_I
[15:8]
LED_DISABLE_I[3:0]
MOD_DISABLE_I[3:0]
0x0000
R/W
[7:0]
SUBTRACT_I[3:0]
REVERSE_INTEG_I[3:0]
0x020E
ADC_OFF1_I [15:8]
Reserved
CH1_ADC_ADJUST_I[13:8]
0x0000
R/W
[7:0]
CH1_ADC_ADJUST_I[7:0]
0x020F
ADC_OFF2_I [15:8]
ZERO_
ADJUST_I
Reserved
CH2_ADC_ADJUST_I[13:8]
0x0000
R/W
[7:0]
CH2_ADC_ADJUST_I[7:0]
0x0210
DATA_
FORMAT_I
[15:8]
DARK_SHIFT_I[4:0]
DARK_SIZE_I[2:0]
0x0003
R/W
[7:0]
SIGNAL_SHIFT_I[4:0]
SIGNAL_SIZE_I[2:0]
0x0212
DECIMATE_I [15:8]
Reserved
DECIMATE_FACTOR_I[6:4]
0x0000
R/W
[7:0]
DECIMATE_FACTOR_I[3:0]
DECIMATE_TYPE_I[3:0]
0x0213
DIGINT_LIT_I [15:8]
Reserved
LIT_
OFFSET_
I[8]
0x0026
R/W
[7:0]
LIT_OFFSET_I[7:0]
0x0214
DIGINT_
DARK_I
[15:8]
DARK2_OFFSET_I[8:1]
0x2306
R/W
[7:0]
DARK2_
OFFSET_I[0]
DARK1_OFFSET_I[6:0]
0x0215
THRESH_
CFG_I
[15:8]
Reserved
0x0000
R/W
[7:0]
THRESH1_
CHAN_I
THRESH1_
DIR_I
THRESH1_TYPE_I[1:0] THRESH0_
CHAN_I
THRESH0
_DIR_I
THRESH0_TYPE_
I[1:0]
0x0216
THRESH0_I
[15:8]
Reserved
THRESH0_SHIFT_I[4:0]
0x0000
R/W
[7:0]
THRESH0_VALUE_I[7:0]
0x0217
THRESH1_I
[15:8]
Reserved
THRESH1_SHIFT_I[4:0]
0x0000
R/W
[7:0]
THRESH1_VALUE_I[7:0]
0x0220
TS_CTRL_J
[15:8]
SUB
SAMPLE_J
CH2_EN_J
SAMPLE_TYPE_J[1:0]
INPUT_R_SELECT_
J[1:0]
TIMESLOT_
OFFSET_J[9:8]
0x0000
R/W
[7:0]
TIMESLOT_OFFSET_J[7:0]
0x0221
TS_PATH_J
[15:8]
PRE_WIDTH_J[3:0]
Reserved
TS_GPIO_
J
AFE_
PATH_
CFG_J[8]
0x40DA
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com