Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4200 Datasheet(PDF) 83 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 83 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 79Page - Analog Devices ADPD4200 Datasheet HTML 80Page - Analog Devices ADPD4200 Datasheet HTML 81Page - Analog Devices ADPD4200 Datasheet HTML 82Page - Analog Devices ADPD4200 Datasheet HTML 83Page - Analog Devices ADPD4200 Datasheet HTML 84Page - Analog Devices ADPD4200 Datasheet HTML 85Page - Analog Devices ADPD4200 Datasheet HTML 86Page - Analog Devices ADPD4200 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 93 page
background image
Data Sheet
ADPD4200
REGISTER DETAILS
analog.com
Rev. 0 | 83 of 93
Table 31. Register Details
Addr
Name
Bits
Bit Name
Description
Reset
Access
0x1: use GPIO1 for time stamp.
3
Reserved
Reserved.
0x0
R/W
2
EXT_SYNC_EN
External Sync Enable. When enabled, use the GPIO selected by
EXT_SYNC_GPIO to trigger samples rather than the period counter.
0x0
R/W
[1:0]
EXT_SYNC_GPIO
External Synchronization GPIOx Select.
0x0
R/W
00: use GPIO0 for external synchronization
01: use GPIO1 for external synchronization.
0x00B4
IO_ADJUST
[15:4]
Reserved
Set to 0x005.
0x005
R/W
[3:2]
SPI_SLEW
Slew Control for SPI Pins.
0x0
R/W
0: slowest.
1: slow.
10: fastest.
11: fast.
[1:0]
SPI_DRV
Drive Control for SPI Pins.
0x0
R/W
0: medium.
1: weak.
10: strong.
11: strong.
TIME SLOT CONFIGURATION REGISTERS
Table 32. Register Details
Addr
Name
Bits
Bit Name
Description
Reset
Access
0x0100
TS_CTRL_A
15
SUBSAMPLE_x
Subsample using DECIMATE_FACTOR_x. When this bit is set, operate
the selected time slot only once per (DECIMATE_FACTOR_x + 1) time
slot sequences.
0x0
R/W
0x0120
TS_CTRL_B
0x0140
TS_CTRL_C
0x0160
TS_CTRL_D
14
CH2_EN_x
Channel 2 Enable.
0x0
R/W
0x0180
TS_CTRL_E
0: Channel 2 disabled.
0x01A0
TS_CTRL_F
1: Channel 2 enabled.
0x01C0
TS_CTRL_G
[13:12]
SAMPLE_TYPE_x
Time Slot x Sampling Type.
0x0
R/W
0x01E0
TS_CTRL_H
00: standard sampling modes.
0x0200
TS_CTRL_I
01: one-region digital integration mode.
0x0220
TS_CTRL_J
10: two-region digital integration mode.
0x0240
TS_CTRL_K
11: impulse response mode.
0x0260
TS_CTRL_L
[11:10]
INPUT_R_SELECT_x
Input Resistor (RIN) Select.
0x0
R/W
00: 500 Ω.
01: 6.25 kΩ.
10: reserved.
11: reserved.
[9:0]
TIMESLOT_OFFSET_x
Time Slot x Offset in 64 × Number of 1 MHz Low Frequency Oscillator
Cycles or 2 × Number of 32 kHz Low Frequency Oscillator Cycles.
0x0
R/W
0x0101
TS_PATH_A
[15:12]
PRE_WIDTH_x
Preconditioning Duration for Time Slot x. This value is in 2 μs increments.
A value of 0 skips the preconditioning state. Default is 8 μs.
0x4
R/W
0x0121
TS_PATH_B
0x0141
TS_PATH_C
0x0161
TS_PATH_D
[11:10]
Reserved
Write 0x0.
0x0
R
0x0181
TS_PATH_E
9
TS_GPIO_x
Time Slot Specific Value for Time Slot x. When GPIOOUTx is set to 0x10
and TS_GPIO_x is set to 1, the GPIO selected by GPIOOUTx outputs a 1
while the time slot selected by TS_GPIO_x is active. The GPIO returns to
the TS_GPIO_SLEEP value at the end of the time slot.
0x0
R/W
0x01A1
TS_PATH_F
0x01C1
TS _PATH_G
0x01E1
TS_PATH_H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com