Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4200 Datasheet(PDF) 25 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 21Page - Analog Devices ADPD4200 Datasheet HTML 22Page - Analog Devices ADPD4200 Datasheet HTML 23Page - Analog Devices ADPD4200 Datasheet HTML 24Page - Analog Devices ADPD4200 Datasheet HTML 25Page - Analog Devices ADPD4200 Datasheet HTML 26Page - Analog Devices ADPD4200 Datasheet HTML 27Page - Analog Devices ADPD4200 Datasheet HTML 28Page - Analog Devices ADPD4200 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 93 page
background image
Data Sheet
ADPD4200
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 25 of 93
OPERATING MODE OVERVIEW
The ADPD4200 is effectively a charge measuring device that
can interface with many different sensors enabling synchronous
measurements of PPG, electrocardiography (ECG), electrodermal
activity (EDA), impedance, capacitance, and temperature measure-
ments. A selection of operating modes are built into the device to
optimize each of the different sensor measurements supported.
SINGLE INTEGRATION MODE
Single integration mode is used for a single integration of incoming
charge per ADC conversion and is the most common operating
mode for the ADPD4200. In single integration mode, most of the
dynamic range of the integrator is used when integrating the charge
from the sensor response to a single stimuli event, for example,
an LED pulse. There is also a multiple integration mode available
for situations with very small sensor responses (see the Multiple
Integration Mode section for more information).
Using LED as Stimulus
Single integration mode is the typical operating mode used for a
PPG measurement, where an LED is pulsed into human tissue and
the resultant charge from the photodiode response is integrated
and subsequently converted by the ADC. Figure 24 shows an
example of a typical PPG measurement circuit.
The MOD_TYPE_x value is left at the default value of 0 so that
the TIA is continuously connected to the input of the TIA. Set the
PRECON_x bit field to 0x5 to set the anode of the photodiode
to the TIA_VREF potential during the preconditioning period. The
VCx pin is connected to the cathode of the photodiode and is set
to TIA_VREF + 250 mV to apply a 250 mV reverse bias across
the photodiode, which reduces the photodiode capacitance and
reduces the noise of the signal path. Set TIA_VREF to 1.27 V using
the AFE_TRIM_VREF_x bit field for maximum dynamic range.
The LED pulse is controlled with the LED_OFFSET_x and LED_
WIDTH_x bit field. The default LED offset (LED_OFFSET_x =
0x10) is 16 μs from the end of the preconditioning period and
is suitable for most use cases. Recommended LED pulse widths
are either 2 μs or 3 μs when using the BPF. Shorter LED pulse
widths provide the greatest amount of ambient light rejection and
the lowest power dissipation. The period is automatically calculated
by the ADPD4200. The automatic calculation is based on the
integration width selected and the number of ADC conversions. To
use the automatic calculation, leave the MIN_PERIOD_x bit field at
its default value of 0. If a longer period is desired, for example, if
a specific pulse frequency is desired, use the MIN_PERIOD_x bit
field to enable a longer period. In single integration mode for PPG
measurements using 2 μs or 3 μs, the automatic period calculation
is
Period= 2+2×INTEG_WIDTH+
Number of Cℎannels Enabled×
ADC_COUNT+1
The integration pulses are controlled with the INTEG_OFFSET_x
and INTEG_WIDTH_x bit fields. It is recommended that an integra-
tion width of 1 μs greater than the LED width be used because
the signal spreads due to the response of the BPF. By setting
the integration width 1 μs wider than the LED width, a maximum
amount of charge from the incoming signal is integrated.
The number of ADC conversions defaults to a single ADC con-
version. However, oversampling is available for increased SNR.
The ADC conversions can be set to 1, 2, 3, or 4 based on the
ADC_COUNT_x bit field. If two channels are enabled, Channel 1
occurs first, followed by Channel 2. The total number of pulses
is equal to NUM_INT_x × NUM_REPEAT_x. In single integration
mode, NUM_INT_x = 1 for a single integration sequence per ADC
conversion. Therefore, the total number of pulses is controlled by
NUM_REPEAT_x. Increasing the number of pulses reduces the
noise floor of the measurement by a factor of √n, where n is the
total number of pulses.
Figure 25 shows the timing operation where a single integration
cycle is used per ADC conversion. Table 16 details the relevant
registers using single integration mode for a PPG measurement.
Figure 24. Typical PPG Measurement Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com