Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2133YML Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC2133YML
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133YML Datasheet(HTML) 2 Page - Microchip Technology

  MIC2133YML Datasheet HTML 1Page - Microchip Technology MIC2133YML Datasheet HTML 2Page - Microchip Technology MIC2133YML Datasheet HTML 3Page - Microchip Technology MIC2133YML Datasheet HTML 4Page - Microchip Technology MIC2133YML Datasheet HTML 5Page - Microchip Technology MIC2133YML Datasheet HTML 6Page - Microchip Technology MIC2133YML Datasheet HTML 7Page - Microchip Technology MIC2133YML Datasheet HTML 8Page - Microchip Technology MIC2133YML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 2
MIC2133
Typical Application Circuit
Application circuit based on RDSON current sensing without temperature compensated ILIM, Phase Shedding and Droop.
Temperature compensation can be done using NTC resistors (refer to Section 4.0 “Functional Description”).
MIC2133
RFREQ
C3
C4
VIN
Q1
Q2
VIN
DH1
SW1
DL1
CSN1
BST1
FBS
VDD
PG
AGND
EXTVDD
RFB(BOT1)
C8
C9
VOUT
PGND
L1
C1
C2
VOUT
EN
SS
R2
VDD
C5
CSS
DL2
SW2
DH2
PGND
BST2
CSN2
C11
VIN
L2
DROOP
VOUT
PVDD
PSH
DR
VOUT
FREQ
RINJ
CINJ
RIP_INJ
ILIM
RILIM
GFB
CSP1
CSP2
RDROOP
RPSH
CSH
C13
TEMP
C7
C10
C12
EN
OUTS
VOUT
PG
Q3
Q4
Q5
RBIAS
CFF
RFB(TOP)
RFB(BOT2)
2.2μF
4.7μF
R1
2.21Ω
10kΩ
R3
10kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com