Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2133YML Datasheet(PDF) 35 Page - Microchip Technology

Part # MIC2133YML
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133YML Datasheet(HTML) 35 Page - Microchip Technology

Back Button MIC2133YML Datasheet HTML 31Page - Microchip Technology MIC2133YML Datasheet HTML 32Page - Microchip Technology MIC2133YML Datasheet HTML 33Page - Microchip Technology MIC2133YML Datasheet HTML 34Page - Microchip Technology MIC2133YML Datasheet HTML 35Page - Microchip Technology MIC2133YML Datasheet HTML 36Page - Microchip Technology MIC2133YML Datasheet HTML 37Page - Microchip Technology MIC2133YML Datasheet HTML 38Page - Microchip Technology MIC2133YML Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 35
MIC2133
Assuming the peak-to-peak inductor current ripple is
low, the RMS current rating of the input capacitor can
be estimated from the equation below.
EQUATION 5-19:
The graph in the figure below shows the normalized
RMS input capacitor current vs. duty cycle for both
single-phase and two-phase buck converter operation.
Data are normalized to the output current.
FIGURE 5-2:
Normalized RMS Input
Capacitor Current vs. Duty Cycle.
For a two-phase buck converter operating at duty cycle D,
the input capacitor RMS current can also be
determined from the graph in the figure above, together
with the equation below.
EQUATION 5-20:
The power dissipated in the input capacitor can then be
computed from the equation below.
EQUATION 5-21:
The voltage rating of the input capacitor must be high
enough to withstand the high input voltage. The
recommended voltage rating is at least 1.25 times the
maximum input voltage.
5.4
Switch Power MOSFET Selection
The following parameters are important for MOSFET
selection:
• Voltage rating
• Current rating
• On-resistance
• Total gate charge
The voltage rating for both the high-side and low-side
MOSFETs in the buck converter is essentially equal to
the power stage Input Voltage, VIN. It is recommended
that a safety factor of 30% be added to the VIN(MAX),
while selecting the voltage rating of the MOSFETs to
account for voltage spikes due to circuit parasitic ele-
ments, as shown in the equation below.
EQUATION 5-22:
The peak switch current for both the high-side and
low-side MOSFET in the buck converter is the same and
is equal to the peak inductor current in each phase, as
shown in the equation below.
EQUATION 5-23:
The RMS current rating of the high-side power
MOSFET in each phase channel is approximated in the
equation below.
EQUATION 5-24:
ICIN RMS

IOUT MAX

D
k
n
---
–


1
n
---
D
k
n
---
–


–
Where:
IOUT(MAX) = Maximum Output Current
k = 0,1 for D > k/n and k < n, Maximum
Integer Less than n×D
n = Total Number of Phases
ICIN(RMS) = ICINRMS(NORM)  IOUT(MAX)
Where:
ICINRMS(NORM) = Normalized RMS Input Capacitor
Current at Given Duty Cycle for
Two-Phase Buck Converter from
Figure 5-2
PDISS CIN

ICIN RMS

2 ESR
CIN
=
VDS RATING

VIN MAX

1.3
ISWHS PK

ISWLS PK

IOUT MAX

n
--------------------------
I
LPP

2
-------------------
+
==
Where:
IOUT(MAX) = Maximum Output Current
n = Total Number of Phases
ΔIL(PP) = Peak-to-Peak Inductor Current per
Phase
ISWHS RMS

IOUT MAX

n
--------------------------
DMAX
=
Where:
DMAX = Maximum Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com