Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2133YML Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC2133YML
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133YML Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC2133YML Datasheet HTML 6Page - Microchip Technology MIC2133YML Datasheet HTML 7Page - Microchip Technology MIC2133YML Datasheet HTML 8Page - Microchip Technology MIC2133YML Datasheet HTML 9Page - Microchip Technology MIC2133YML Datasheet HTML 10Page - Microchip Technology MIC2133YML Datasheet HTML 11Page - Microchip Technology MIC2133YML Datasheet HTML 12Page - Microchip Technology MIC2133YML Datasheet HTML 13Page - Microchip Technology MIC2133YML Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 10
MIC2133
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN =12V; VOUT =5V; fSW = 500 kHz/phase; VBST – VSW =5V; TA =+25°C.
FIGURE 2-1:
VIN Quiescent Current vs.
Input Voltage.
FIGURE 2-2:
VIN Shutdown Current vs.
Input Voltage.
FIGURE 2-3:
Switching Frequency vs.
Input Voltage.
FIGURE 2-4:
Switching Frequency vs.
Output Current.
FIGURE 2-5:
Enable Threshold vs. Input
Voltage.
FIGURE 2-6:
Peak Current Limit vs. Input
Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and, therefore, outside the warranted range.
6.5
6.7
6.9
7.1
7.3
7.5
7.7
7.9
8.1
8.3
8.5
8 1216202428323640444852566064687276
Input Voltage (V)
Vout=5V
Vout=12V
Vout=28V
V
OUT = 5V
V
OUT = 12V
V
OUT = 28V
10
12
14
16
18
20
22
24
26
28
30
8 1216202428323640444852566064687276
Input Voltage (V)
180
190
200
210
220
230
240
8 1216202428323640444852566064687276
Input Voltage (V)
IOUT=0A
IOUT=10A
I
OUT = 0A
I
OUT = 10A
160
170
180
190
200
210
220
230
240
250
260
0
2
4
6
8 1012141618202224262830
Output Current (A)
VIN = 24V
VIN = 48V
V
IN = 24
V
IN = 48
1.10
1.11
1.12
1.13
1.14
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
8 1216202428323640444852566064687276
Input Voltage (V)
EN_rising
EN_falling
EN Rising
EN Falling
24.0
24.2
24.4
24.6
24.8
25.0
25.2
25.4
25.6
25.8
26.0
10 15 20 25 30 35 40 45 50 55 60 65 70 75
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com