Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2133YML Datasheet(PDF) 30 Page - Microchip Technology

Part # MIC2133YML
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133YML Datasheet(HTML) 30 Page - Microchip Technology

Back Button MIC2133YML Datasheet HTML 26Page - Microchip Technology MIC2133YML Datasheet HTML 27Page - Microchip Technology MIC2133YML Datasheet HTML 28Page - Microchip Technology MIC2133YML Datasheet HTML 29Page - Microchip Technology MIC2133YML Datasheet HTML 30Page - Microchip Technology MIC2133YML Datasheet HTML 31Page - Microchip Technology MIC2133YML Datasheet HTML 32Page - Microchip Technology MIC2133YML Datasheet HTML 33Page - Microchip Technology MIC2133YML Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 30
MIC2133
RDSON(LS) increases to about 2x, at 125°C related to
the value at 25°C; therefore, it is necessary to choose
RDSON *IOUT(MAX) < 60 mV at 25°C to respect the
sensing range over temperature.
To desensitize the AVP related to the temperature
variation of RDSON, a resistance network used with an
NTC resistor needs to be used, as shown in the figure
below.
FIGURE 4-20:
Use of an NTC Resistance
to Compensate the RDSON Temperature
Coefficient on the DROOP Pin.
The idea in the figure above is that increasing the
DROOP voltage with temperature at the IOUT(MAX)
(positive temperature coefficient) is compensated by
the RNTC (negative temperature coefficient) to keep the
node of the divider, Div_DROOP_ZeroTC, constant
versus temperature.
The rest of the calculations are similar to the afore-
mentioned case, where the sensing current was
temperature-insensitive. In case the AVP is not neces-
sary, a 10 kΩ, 1 nF series RC filter to ground can be used
to have a reading of the filtered output current.
4.5.12
OVP FUNCTION
The MIC2133 operates with high input voltages
powering costly ASIC or PA. If the high-side MOSFET
is damaged during switching, it can present high output
voltage which can damage the costly load. This can
also happen if the FB path is open during the assembly
process, which in turn, can damage the costly load
while testing.
To discharge the output during those high output volt-
age Fault conditions, the MIC2133 has a dedicated DR
pin with a discharge FET driver.
The threshold for this OVP comparator is programmed
internally at 112% of the reference voltage. An external
discharge FET is connected from VOUT, in case of
faulty conditions, to provide a short path for a high cur-
rent. A series resistor can be connected to limit a high
short current.
The DR pin is latched in high if an overvoltage of a
duration longer than 12 µs typical is present on the out-
put. All the overvoltage events that last less than 12 µs
will not trigger DR = High. The circuitry involving OVP
will be active after the rise threshold of UVLO before
any other action of the control loop.
To reset the state of DR = High latched, it is necessary
to make UVLO go low, which means to collapse the
VDD rail. This Reset action can be obtained by making
EN = Low and waiting for VDD to collapse. Another
possible Reset action is shutting down the input VIN, in
which case the VDD will collapse because of the
HVLDO linear regulator.
The external FET can pull down the EN pin tied to VIN
with a resistor. In this case, it is possible to have a very
long time until the VDD collapses and the UVLO resets
the DR output. In this case, a very long time cycle will
take place after the part restarts. The DR pin can be
reset either by VIN cycling or EN cycling.
Another possible protection during OVP is to use the
DR output to make an SCR on, and fire a fuse on the
VIN power supply, disconnecting the input power
supply from the buck converter.
4.5.13
TELEMETRY KNOBS
The MIC2133 can provide die temperature and
average output current sense outputs. These analog
outputs can be used by the PMBus-enabled micro-
controller to convert to digital form and communicate
with the PMBus host for telemetry. The MIC2133 to
PMBus-enabled microcontroller connections are illus-
trated in the figure below.
FIGURE 4-21:
MIC2133 to PMBus-Enabled
Microcontroller Connections.
The MIC2133 die temperature is monitored internally
across the PN junction diode and provided as voltage
at the TEMP pin. A 1 µF capacitor is connected at
TEMP to AGND to remove the DC error.
The internal temperature sense has a 6 mV/°C gain
and a 1.8V offset voltage. The internal temperature
sense can be reported from -40°C to +125°C to the
PMBus enabled microcontroller.
MIC2133
FBS
DROOP
VOUT
RINJ
CINJ
RIP_INJ
GFB
RDROOP
RFBT
CFF
RS
RP
RNTC
Div_DROOP_ZeroTC
RBIAS
RFBB1
RFBB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com