Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2133YML Datasheet(PDF) 33 Page - Microchip Technology

Part # MIC2133YML
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133YML Datasheet(HTML) 33 Page - Microchip Technology

Back Button MIC2133YML Datasheet HTML 29Page - Microchip Technology MIC2133YML Datasheet HTML 30Page - Microchip Technology MIC2133YML Datasheet HTML 31Page - Microchip Technology MIC2133YML Datasheet HTML 32Page - Microchip Technology MIC2133YML Datasheet HTML 33Page - Microchip Technology MIC2133YML Datasheet HTML 34Page - Microchip Technology MIC2133YML Datasheet HTML 35Page - Microchip Technology MIC2133YML Datasheet HTML 36Page - Microchip Technology MIC2133YML Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 33
MIC2133
5.2
Output Capacitor Selection
The output capacitor is usually determined by its capac-
itance and Equivalent Series Resistance (ESR). Voltage
and RMS current capability are two other important
factors in selecting the output capacitor. Recommended
capacitor types are ceramic, low-ESR aluminum electro-
lytic, OS-CON and POSCAP. The output capacitor’s
ESR is usually the main cause of the output ripple volt-
age in the steady state, while the total output capaci-
tance must be large enough to sustain and maintain the
output voltage during the load transient to meet the
desired load transient output voltage requirement.
To determine the required output capacitance for a
two-phase
buck
converter
in
steady
state,
peak-to-peak output ripple current, as seen by the
output capacitors, must be known. The peak-to-peak
output ripple current for both a single-phase and
two-phase buck converter is shown in the figure below.
The graph shows that peak-to-peak output ripple cur-
rent, normalized by the maximum value, is a function of
the duty cycle. Each channel is 180 degrees out of
phase with the other for a two-phase buck converter;
therefore, the two-phase peak-to-peak output ripple
current is less than that for a single-phase converter
and the ripple current effective frequency is doubled, as
seen by the output capacitor. This is the ripple reduc-
tion effect of the two-phase operation. In addition, at
50% duty cycle, the inductor ripple currents from each
channel cancel each other and the output ripple current
is close to zero.
FIGURE 5-1:
Normalized Peak-to-Peak
Output Ripple Current vs. Duty Cycle.
The peak-to-peak output ripple current, shown in the
figure above, is normalized by the maximum value,
which is used as the normalizing factor for simplifying
the calculation of the output ripple current.
The peak-to-peak output ripple current maximum value
and normalizing factor is calculated by the equation
below.
EQUATION 5-7:
The approximate peak-to-peak output ripple current of
a two-phase buck converter at a given duty cycle can
be determined from the corresponding normalized
value for the two-phase buck converter in Figure 5-1,
multiplied by the normalizing factor, as shown in the
equation below.
EQUATION 5-8:
The total output ripple voltage is a combination of the
ripple voltages caused by the ESR and output capaci-
tance. Then, the output ripple voltage of the two-phase
buck converter in the steady state can be determined
from the equation below.
EQUATION 5-9:
The minimum output capacitance required for the
two-phase buck converter in the steady state can be
estimated by the equation below.
EQUATION 5-10:
To meet the load transient requirement, the output
capacitance must also fulfill the criteria in the equation
below. The output capacitance value chosen must
meet the criteria in both equations.
EQUATION 5-11:
I
OPP MAX

VOUT
LfSW
------------------
=
I
OPP
I
OPP NORMALIZED

I
OPP MAX

=
Where:
ΔIOPP(NORMALIZED) = Normalized Peak-to-Peak
Output Ripple Current Value for
Two-Phase Buck Converter at
Given Duty Cycle in Figure 5-1
V
OUT PP

I
OPP
16 COUT
fSW
----------------------------------------------


 2
I
OPP ESRCOUT

2
+
=
Where:
ΔVOUT(PP) = Peak-to-Peak Output Ripple Voltage
ΔIOPP = Peak-to-Peak Output Ripple Current
COUT = Output Capacitance
fSW = Switching Frequency per Phase
ESRCOUT = ESR of Output Capacitor
COUT
I
OPP
16
V
OUT PP

fSW
-------------------------------------------------------
COUT
I
LOAD
V
OUT TRANS

fCO
-------------------------------------------------------------
Where:
ΔILOAD = Output Load Current Step in Load
Transient
ΔVOUT(TRANS) = Output Voltage Change in Load
Transient
fCO = Crossover Frequency, Equal to
About fSW/10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com