Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2133YML Datasheet(PDF) 39 Page - Microchip Technology

Part # MIC2133YML
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133YML Datasheet(HTML) 39 Page - Microchip Technology

Back Button MIC2133YML Datasheet HTML 35Page - Microchip Technology MIC2133YML Datasheet HTML 36Page - Microchip Technology MIC2133YML Datasheet HTML 37Page - Microchip Technology MIC2133YML Datasheet HTML 38Page - Microchip Technology MIC2133YML Datasheet HTML 39Page - Microchip Technology MIC2133YML Datasheet HTML 40Page - Microchip Technology MIC2133YML Datasheet HTML 41Page - Microchip Technology MIC2133YML Datasheet HTML 42Page - Microchip Technology MIC2133YML Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 39
MIC2133
Power dissipation in the MIC2133 is calculated in the
equation below when EXTVDD is used.
EQUATION 5-42:
The junction temperature of the MIC2133 can be
estimated using the equation below.
EQUATION 5-43:
The maximum recommended operating junction
temperature for the MIC2133 is 125°C. Using the out-
put voltage of the same switching converter when it is
between 4.7V (typical) and 14V, as the voltage at the
EXTVDD pin, significantly reduces the power dissipa-
tion inside the MIC2133. This reduces the junction tem-
perature rise as illustrated further.
For a typical case of:
VIN = 36V, VOUT = 5V, IG(TOTAL) = 20 mA, IQ = 5 mA, and
maximum ambient temperature of TA = 85°C.
When the EXTVDD pin is not used, the MIC2133 junc-
tion temperature is calculated as shown in the equation
below.
EQUATION 5-44:
When the EXTVDD is used and the 5V output of the
MIC2133 buck converter is used as the input to the
EXTVDD pin, the MIC2133 junction temperature is cal-
culated as shown in the equation below. The junction
temperature is significantly reduced from 115.6°C to
89.3°C when the EXTVDD is used.
EQUATION 5-45:
5.10
Thermal Measurements
It is a good idea to measure the IC's case temperature
to make sure it is within its operating limits. Although
this might seem an elementary task, it is easy to get
false results. The most common mistake is to use the
standard thermal couple that comes with a thermal
meter. This thermal couple wire gauge is large, typically
22 gauge, and behaves like a heatsink, which results in
a lower-case temperature measurement.
There are two methods of temperature measurement:
using a smaller thermal couple wire or using an infrared
thermometer. If a thermal couple wire is used, it must
be constructed of 36-gauge wire or higher (smaller wire
size) to minimize the wire heat-sinking effect. In
addition, the thermal couple tip must be covered in
either thermal grease or thermal glue to ensure that the
thermal couple junction makes good contact with the
case of the IC. Wherever possible, an infrared
thermometer is recommended. The measurement spot
size of most infrared thermometers is too large for an
accurate reading on small form factor ICs. However, an
IR thermometer with a 1-mm spot size is a good choice
for measuring the hottest point on the case. An optional
stand can be used to make it easy to hold the beam on
the IC for long periods of time. In addition, a more
advanced, convenient and accurate infrared thermal
camera can be used, although such equipment is much
more expensive.
Where:
VEXTVDD = Voltage at EXTVDD Pin
(4.7V ≤ VEXTVDD ≤ 14V typically)
IG(TOTAL) = Total Average Gate Drive Current for All
Phases
IQ = Quiescent Current of MIC2133
PIC
VEXTVDD
IGTOTAL

IQ
+

=
Where:
TJ = Junction Temperature of MIC2133
TA = Ambient Temperature
PIC = Power Dissipation of MIC2133
JA = Junction-to-Ambient Thermal Resistance of
MIC2133 (34°C/W typical)
TJ
PIC JA TA
+
=
PIC
36V20 mA
5 mA
+

=
PIC
0.9W
=
TJ
0.9W 34
CW
85
C
+
=
TJ
115.6
C
=
PIC
5V
20 mA
5 mA
+

=
PIC
0.125W
=
TJ
0.125W 34
CW
85
C
+
=
TJ
89.3
C
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com