Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2133YML Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC2133YML
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133YML Datasheet(HTML) 3 Page - Microchip Technology

  MIC2133YML Datasheet HTML 1Page - Microchip Technology MIC2133YML Datasheet HTML 2Page - Microchip Technology MIC2133YML Datasheet HTML 3Page - Microchip Technology MIC2133YML Datasheet HTML 4Page - Microchip Technology MIC2133YML Datasheet HTML 5Page - Microchip Technology MIC2133YML Datasheet HTML 6Page - Microchip Technology MIC2133YML Datasheet HTML 7Page - Microchip Technology MIC2133YML Datasheet HTML 8Page - Microchip Technology MIC2133YML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 3
MIC2133
Functional Block Diagram
CONTROL
LOGIC
&DE-MUX
HV LDO
IN
4.7V
FEEDFORWARD
SHORT LIMIT
CONTROL
PVDD
ADAPTABLE
TON
CONTROL
RFREQ
C3
C4
VIN
Q1
Q2
VIN
FREQ
DH1
SW1
DL1
CSN1
BST1
ILIM
FBS
VDD
EN
PG
AGND
EXTVDD
RINJ
CINJ
RILIM
C8
C9
VOUT
PGND
L1
C2
C1
VOUT
EN
RIP_INJ
PVDD
R1
VDD
12V LDO with
REVERSE
BLOCKING
IN
VDD
C5
VDD
CSS
CURRENT
SENSING &
SHARING
CONTROL
PVDD
DL2
SW2
DH2
BST2
CSN2
C11
VIN
L2
DROOP
VOUT
PRECISION
ENABLE
LDO
SELECTION
VFBS
DR
VOUT
GFB
PGND
88%
VREF
VFBS
ZCD
SW1
CSP1
CSP2
1.2V
PSH
RDROOP
120%
VREF
CSH
TEMP SENSOR
C10
C12
OUTS
TEMP
ITON1
ITON2
UVLO & TSD
VDD
RIPPLE INJECTION
DRIVER
PHASE 1
DRIVER
LOGIC
VDD
TON 1
GENERATOR
OUTS
ITON1
1
SS
CONTROL
&HICCUP
VREF
RSA
gm E/A
COMP
SS
TON 2
GENERATOR
PHASE 2
DRIVER
LOGIC
PHASE
SHEDDING
CONTROL
OVP
LATCH
ITON2
OUTS
ENABLE/DISABLE
DRIVER
ISS
IBIAS
VDD
ICL
DROOP
1.19V
IPSH
VDD
SW1
PGND
CFF
CSP1
CSN1
CSP2
CSN2
VOUT
FAULT
FAULT
RBIAS
PG
RFB(BOT2)
RFB(BOT1)
RFB(TOP)
RPSH
OVP
OVP
D1
D2
VREF_COM
Q3
Q4
Q5
10kΩ
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com