Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2133YML Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC2133YML
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133YML Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC2133YML Datasheet HTML 19Page - Microchip Technology MIC2133YML Datasheet HTML 20Page - Microchip Technology MIC2133YML Datasheet HTML 21Page - Microchip Technology MIC2133YML Datasheet HTML 22Page - Microchip Technology MIC2133YML Datasheet HTML 23Page - Microchip Technology MIC2133YML Datasheet HTML 24Page - Microchip Technology MIC2133YML Datasheet HTML 25Page - Microchip Technology MIC2133YML Datasheet HTML 26Page - Microchip Technology MIC2133YML Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 23
MIC2133
FIGURE 4-7:
MIC2133 Control Loop
Timing in Discontinuous Conduction Mode.
4.5.3
PHASE SHEDDING
To achieve higher efficiency at lighter medium loads,
the Phase 2 is shed off when the DROOP Voltage,
VDROOP, drops below the Phase 2 shed-off threshold,
and the DROOP voltage is equal to eight times the
current sensing voltage in Phase 1. The Phase 2 is
shed on when the DROOP voltage rises above the
Phase 2 shed-on threshold.
The phase shedding thresholds for on and off are
calculated using the following formulas in the equation
below.
EQUATION 4-13:
As shown in Figure 4-8, the PSH pin voltage can be
programmed by an external resistor connected from
the PSH pin to AGND using the equation below.
EQUATION 4-14:
FIGURE 4-8:
Phase Shedding Circuit.
The output load currents at which the secondary phase
will be turned on and off can be calculated from
Equation 5-39.
The reason for this indirect way for setting phase shed-
ding thresholds is the fact that the DROOP pin voltage
has a strong positive temperature coefficient in case the
bottom FETs RDSON are used for sensing current. To
keep the shedding level constant in the current level with
temperature, an NTC resistor can be used to generate a
VPSH voltage with a negative temperature coefficient,
which becomes a positive temperature coefficient identi-
cal to the temperature coefficient of the DROOP voltage
when the RDSON of bottom FETs are used (see
Equation 4-13). Also, the NTC resistor must be placed
close to the Phase 1 bottom FETs to pick up the
temperature of the FET.
EQUATION 4-15:
The equation above is a description of the necessary
temperature coefficient of VPSH, achieved externally
using an NTC resistor on the PSH pin, combined with
a zero temperature coefficient 10 µA current source.
If sensing is done with a sense resistor in series with
the bottom FET, then no NTC resistor is needed on the
PSH pin and sizing the shedding of the secondary
phase (Phase 2) is done using Equation 4-13.
If no phase shedding is desired, then the PSH pin is
floating and will go to VDD, and internally, the level will
be sensed and the secondary shedding will not be
done.
If the PSH pin is externally driven between 0V and 5V,
then an externally controlled action on the shedding
can be done. In that case, the system designers need
to decide when the secondary is shed based on the
information about the load they obtained on their own
at the system level.
Shedding the secondary phase will be an action
conditioned by a hysteresis on the shedding threshold
voltage and a delay of approximately 30 µs.
IL CROSSES 0 AND Vgm > 1.2V
DISCONTINUOUS CONDUCTION MODE STARTS.
Vgm < 1.2V WAKE-UP FROM
DISCONTINUOUS CONDUCTION MODE.
IL
0
Vgm
VREF_COM
(1.2V)
ZC
VDH
VDL
ESTIMATED ON-TIME
VSHED_ON
1.2V VPSH
–
=
VSHED_OFF
0.8 VSHED_ON
=
Where:
VPSH = PSH Pin Voltage Programmable by an
External Resistor
VPSH
IPSH RPSH
=
Where:
IPSH = PSH Current Source (10 µA typical)
RPSH = Resistor Connected from PSH Pin to AGND
VDD
+
1.2V
1
30μs DELAY
RISING EDGE
DRIVER
DISABLE
PSH
DROOP
REFSHED
HYS
REFSHED_HIGH
REFSHED_LOW
MIC2133
IPSH
RPSH
dVSHED
dT
--------------------
dVPSH
dT
----------------
dVDROOP
dT
------------------------
ILOAD dRDSON
dT
------------------------------------------
==
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com