Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2133YML Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC2133YML
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133YML Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC2133YML Datasheet HTML 17Page - Microchip Technology MIC2133YML Datasheet HTML 18Page - Microchip Technology MIC2133YML Datasheet HTML 19Page - Microchip Technology MIC2133YML Datasheet HTML 20Page - Microchip Technology MIC2133YML Datasheet HTML 21Page - Microchip Technology MIC2133YML Datasheet HTML 22Page - Microchip Technology MIC2133YML Datasheet HTML 23Page - Microchip Technology MIC2133YML Datasheet HTML 24Page - Microchip Technology MIC2133YML Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 21
MIC2133
4.4
Ripple Injection Circuit
Components Selection
Follow the steps below for selecting the ripple injection
circuit components if low-ESR output capacitors are
used. The below procedures provide a good starting
point for selecting the ripple injection components. It is
recommended that the final values be confirmed by
laboratory measurements.
1.
Calculate the product of RINJ and CFF for a given
injected Feedback Ripple Voltage, ΔVFB, using
the equation below. Choose ΔVFB in the range
from 40 mV to 500 mV. A good starting point for
ΔVFB is 50 mV.
EQUATION 4-4:
2.
Choose CFF in the range from 0.47 nF to 10 nF.
3.
Calculate RINJ using the equation above.
4.
Calculate the Top Feedback Resistor, RFB(TOP),
value using the equation below:
EQUATION 4-5:
5.
Calculate the Bottom Feedback Resistor,
RFB(BOT), value using the equation below:
EQUATION 4-6:
6.
Estimate the crossover frequency using the fol-
lowing equation. If fCO(EST) is above fSW/5,
lower the CFF value and repeat procedure 6.
EQUATION 4-7:
7a) Select CINJ using the below equation if fCO(EST)
calculated above meets Equation 5-11.
EQUATION 4-8:
Add a resistor in parallel with the soft start
capacitor, connected to the SS pin, if
CINJ > CFF × (RFB(TOP)/RFB(BOT)).
This ensures that there is no overshoot at the
end of the soft start. Use the equation below to
select the parallel resistor value.
EQUATION 4-9:
7b) Select CINJ using the below guidelines if
fCO(EST) is low (typically below fSW/15) when fCO
is limited by the minimum ΔVFB required in lower
VOUT applications. Assume fCO = fSW/10.
Calculate the maximum Equivalent Series
Resistance (ESR) of the output capacitor using
the following equation.
EQUATION 4-10:
Calculate the output capacitance using the fol-
lowing equation.
EQUATION 4-11:
RINJ CFF
5V 100ns
V
FB
----------------------------
=
Where:
ΔVFB = Injected Feedback Ripple Voltage
RFB TOP

1
2
CFF 0.8
fLC
---------------------------------------------------------
Where:
fLC = LC Resonant Frequency = 1/(2 xx sqrt (L x COUT))
RFB BOT

RFB TOP

VOUT
VREF
------------- 1
–
----------------------------
=
Where:
VOUT = Target Output Voltage
VREF = Reference Voltage = 0.6V for MIC2133
fCO EST

RINJ CFF
 L
COUT
---------------------------------
VOUT 10
6
fSW
----------------------------
=
Where:
L = Inductance
COUT = Output Capacitance
VOUT = Output Voltage
fSW = Switching Frequency
CINJ
1
0.8 RINJ fCO EST

----------------------------------------------------
RSS
0.8V
ISS
-----------
Where:
ISS = Soft Start Current Source = 1.2 µA
ESRCOUT
V
OUT_TRANS
I
LOAD_STEP
----------------------------------
Where:
∆ILOAD_STEP = Magnitude of the Load Transient
∆VOUT_TRANS = Acceptable Output Voltage Deviation
during Load Transient
COUT
1
 f
CO
ESRCOUT
-------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com