Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2133YML Datasheet(PDF) 27 Page - Microchip Technology

Part # MIC2133YML
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133YML Datasheet(HTML) 27 Page - Microchip Technology

Back Button MIC2133YML Datasheet HTML 23Page - Microchip Technology MIC2133YML Datasheet HTML 24Page - Microchip Technology MIC2133YML Datasheet HTML 25Page - Microchip Technology MIC2133YML Datasheet HTML 26Page - Microchip Technology MIC2133YML Datasheet HTML 27Page - Microchip Technology MIC2133YML Datasheet HTML 28Page - Microchip Technology MIC2133YML Datasheet HTML 29Page - Microchip Technology MIC2133YML Datasheet HTML 30Page - Microchip Technology MIC2133YML Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 27
MIC2133
FIGURE 4-13:
External Programmable VIN
UVLO Connections.
4.5.7
SOFT START
Soft start reduces the power supply input surge current
at start-up by controlling the output voltage rise time.
The input surge appears while the output capacitor is
charged up. A slower output rise time will draw a lower
input surge current.
The MIC2133 features an adjustable soft start time.
The soft start time can be adjusted by changing the
value of the capacitor connected from the SS pin to
AGND. The soft start time can be adjusted from 5 ms
to 100 ms. The MIC2133 forces 1.2 µA current from the
SS pin. This constant current flows through the soft
start capacitor, connected from the SS pin to AGND, to
adjust the soft start time.
The soft start capacitor value for the desired VOUT
ramp-up time can be calculated from the following
equation.
EQUATION 4-22:
4.5.8
VDD REGULATOR AND EXTVDD
LDO
The MIC2133 has an integrated high-voltage LDO that
provides a 5V regulated output from Input Voltage, VIN,
ranging from 8V to 75V. When VIN < 5.5V, VDD must be
tied to the VIN pins to bypass the internal linear regula-
tor. The internal LDO powers the control circuitry from
the VDD pin and gate drive current from the PVDD pin.
The MIC2133 also features an auxiliary low-voltage
LDO, which is powered by EXTVDD. When the voltage
on the EXTVDD is at 4.7V (typical) or higher, this
auxiliary LDO is enabled and powers all the internal
circuitry. At the same time, the main high-voltage LDO
is disabled. This increases the efficiency of the system
by reducing the differential voltage across the high-
voltage LDO, hence reducing the power losses in the
LDO. In general, the output of the buck converter is
used as the power supply for the auxiliary LDO by
connecting the EXTVDD pin to the output of the buck
converter. The maximum voltage that can be applied at
the EXTVDD is limited to 14V. The following figure
shows the internal 5V LDO and EXTVDD connection in
the MIC2133.
FIGURE 4-14:
MIC2133 EXTVDD.
Given that the EXTVDD is powered from the VOUT of
the buck regulator, the VOUT is noisy if there is a fast
changing load. When VOUT > 5V + VDROPOUT, the
noise could be suppressed by a loop of the 12V LDO.
However, when VOUT = 5V, the 12V LDO works in
Dropout mode and there is no loop gain. The LDO acts
just like a resistor. It is not recommended that EXTVDD
be connected to VOUT if VOUT < 5V.
4.5.9
POWER GOOD (PG)
The Power Good (PG) pin is an open-drain output,
which indicates logic high when the output is nominally
over 88% of its steady-state voltage. It is recommended
that a pull-up resistor of more than 10 kΩ be connected
from PG to VDD. During soft start, the PG is held low
and is allowed to be pulled high after VOUT is achieved
over 88% of the target level.
4.5.10
SEQUENCING
The MIC2133 has a precision enable function. The EN
pin voltage will either enable/disable switching. When
the EN pin voltage is higher than 1.2V (typical), the
MIC2133 is put into operation. The internal regulator
will power up and start switching. The following figure
shows the EN pin sequencing.
MIC2133
EN
RBOT
VIN
RTOP
SS
C
1.2
At
SS
VREF
----------------------------
=
Where:
tSS = Output Voltage Soft Start Ramp-up Time
HV LDO
IN
4.7V
VIN
EXTVDD
12V LDO
with reverse
blocking
IN
OUT
VDD
OUT
2.2 ohm
2.2 μF
4.7 μF
PVDD
PGND
AGND
MIC2133 REG_ With EXTVDD
HV LDO
IN
OUT
VIN
2 ohm
2.2 μF
4.7 μF
VDD
AGND
PGND
PVDD
MIC2133 REG_Internal 5V block
Bypass_B
Bypass
EN
VDD bypass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com