Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2133YML Datasheet(PDF) 25 Page - Microchip Technology

Part # MIC2133YML
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133YML Datasheet(HTML) 25 Page - Microchip Technology

Back Button MIC2133YML Datasheet HTML 21Page - Microchip Technology MIC2133YML Datasheet HTML 22Page - Microchip Technology MIC2133YML Datasheet HTML 23Page - Microchip Technology MIC2133YML Datasheet HTML 24Page - Microchip Technology MIC2133YML Datasheet HTML 25Page - Microchip Technology MIC2133YML Datasheet HTML 26Page - Microchip Technology MIC2133YML Datasheet HTML 27Page - Microchip Technology MIC2133YML Datasheet HTML 28Page - Microchip Technology MIC2133YML Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 25
MIC2133
In each switching cycle of both phases of the MIC2133
converter, the inductor valley current is sensed by mon-
itoring the VDS voltage across the low-side MOSFET
during the off period. There is a 150 ns (typical) blanking
period before each current sense signal considered for
protection. The blanking period improves noise immu-
nity. If the valley low-side MOSFET current is greater
than the current limit threshold current for seven consec-
utive cycles in either phase, then the MIC2133 turns off
the high-side MOSFET of both phases and a soft start
sequence is triggered after the hiccup timer has expired.
This mode of operation, called Hiccup mode, and its pur-
pose is to protect the downstream load in case of a hard
short. The figure below illustrates the MIC2133 opera-
tion during overload conditions. When the load current is
increased gradually, the inductor current also increases,
as shown in the figure below. When the load current is
around the current limit threshold, the high-side and the
low-side MOSFET current can be higher than the cur-
rent limit, as highlighted in the figure below as Case#1.
In Case#1, even though the low-side MOSFET instanta-
neous current exceeds the current limit threshold for
some duration, the low-side MOSFET current is lower
than the current limit at the end of the blanking time of
150 ns. This causes the MIC2133 to not enter the cur-
rent limit protection and initiate the next high-side MOS-
FET turn-on cycle. After the high-side MOSFET is turned
on, the current ramps up to a value that is determined by
the operating duty cycle and inductor value. When the
high-side MOSFET is turned off and the low-side MOS-
FET is turned on, as shown as Case#2 in the figure
below, the current through the low-side MOSFET is
higher than the current limit for seven consecutive
cycles. This causes the MIC2133 to enter the current
limit protection.
As shown in the figure below, the inductor valley current
is higher than the current limit threshold as the MIC2133
senses the low-side MOSFET current.
When the MIC2133 enters current limit protection, both
the high-side and the low-side MOSFETs are turned off
for both phases for a hiccup time-out of 2 ms. The
inductor current flows through the body diode of the
low-side MOSFET until it falls down to zero. The
MIC2133 initiates the soft start after the hiccup
time-out, as shown in the figure below.
FIGURE 4-11:
MIC2133 Current-Limit
Threshold Relationship to Output Current.
The MIC2133 current limit needs to be temperature-
insensitive when precise sense resistors or RDSON of
the low-side MOSFETs are used.
The RDSON resistance increases to about two times
from 25°C to 125°C; therefore, an external NTC resis-
tor is used to program the current limit in this case. In
case regular precise sense resistors are used, no NTC
resistance is needed.
To achieve a positive temperature coefficient from the
negative
temperature
coefficient
of
the
NTC
resistance, the current limit per phase was internally
generated, as shown in the equation below.
EQUATION 4-16:
From Equation 4-16, one can derive the VILIM value
through the equation below:
EQUATION 4-17:
To program the target VILIM voltage, the equation below
is used.
EQUATION 4-18:
EXAMPLE 4-2:
CALCULATION OF RILIM
FOR BOTTOM MOSFET
RDSON CURRENT SENSING
Blanking time
( 150ns)
Current Limit
Threshold
SW
Soft Start
sequence
starts here
Hiccup Timeout
( 2ms)
Output
Voltage
Low side
MOSFET
current
High side
MOSFET
current
ON state
OFF
state
1
2
3
4
5
7
Short on
Output
7 consecutive current limit events
Case#1
Case#2
• For ILIM = 10A per phase, RDSON = 10 mΩ at
25°C; using Equation 4-17,
VILIM = 1.2V – 4 * 10 mΩ * 10A = 1.2V – 0.4V = 0.8V
at 25°C.
• To get 0.8V on the ILIM pin with a 9.6 µA
constant-current source, we need a
programming equivalent resistance of
RILIM = 0.8V/9.6 µA = 83.3 kΩ at 25°C.
• If the temperature is increased to 125°C, then
RDSON at 125°C = 20 mΩ at the same 10A limit.
• Therefore, VILIM = 1.2V – 4 * 20 mΩ * 10A =
1.2V – 0.8V = 0.4V at 125°C. Then,
RILIM = 0.4V/9.6 µA = 41.7 kΩ at 125°C.
ILIM
0.3 0.25 VILIM
–
RDSON
--------------------------------------------
=
Where:
ILIM = Desired Current Limit per Phase
VILIM = Programmable Voltage at ILIM Pin
VILIM
1.2V 4
–
R
DSON
ILIM
=
VILIM
ICL RILIM
=
Where:
ICL = 9.6 µA (typical) Constant-Current Source at
ILIM Pin
RILIM = Current Limit Threshold Voltage
Programming Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com