Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2133YML Datasheet(PDF) 28 Page - Microchip Technology

Part # MIC2133YML
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133YML Datasheet(HTML) 28 Page - Microchip Technology

Back Button MIC2133YML Datasheet HTML 24Page - Microchip Technology MIC2133YML Datasheet HTML 25Page - Microchip Technology MIC2133YML Datasheet HTML 26Page - Microchip Technology MIC2133YML Datasheet HTML 27Page - Microchip Technology MIC2133YML Datasheet HTML 28Page - Microchip Technology MIC2133YML Datasheet HTML 29Page - Microchip Technology MIC2133YML Datasheet HTML 30Page - Microchip Technology MIC2133YML Datasheet HTML 31Page - Microchip Technology MIC2133YML Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 28
MIC2133
FIGURE 4-15:
EN Pin Sequencing.
When the EN pin voltage is below the lower EN thresh-
old, the MIC2133 goes into Shutdown mode. When in
Shutdown mode, the MIC2133 stops switching and all
internal control circuitry switches off to reduce the qui-
escent current. The EN pin, along with the PG pin, can
be used for sequencing multiple MIC2133 devices. It is
recommended that the VIN be powered up before the
EN signal.
4.5.11
ADAPTIVE VOLTAGE POSITIONING
(AVP), ALSO KNOWN AS DROOP
FUNCTION (RECOMMENDED FOR
CCM ONLY)
In some high-current applications, a requirement on a
precisely controlled output impedance is imposed. This
dependence of output voltage on load current is often
termed, “droop”, “load line” regulation or Adaptive
Voltage Positioning (AVP).
The basic functionality of the AVP function is to achieve
a controlled output resistance for the buck regulator so
that at 0A load, the output is +Ɛ% higher than the nom-
inal voltage and, at maximum load, the output is -Ɛ%
related to the nominal output value, as shown in the fol-
lowing figure.
FIGURE 4-16:
AVP Ideal Output Resistive
Characteristic.
It is necessary to achieve the resistive characteristic
above over the full frequency range of output loads.
FIGURE 4-17:
VOUT Load Transient Error
without AVP/DROOP.
FIGURE 4-18:
VOUT Load Transient Error
with AVP/DROOP.
EN
PVDD/VDD
UVLO
Bias ready
Vout
5V
Bypass
VI N
VOUT
VOUT
OUTPUT CURRENT (A)
0A
IOUT(MAX)
VOUT=VOUT×2
VOUT(DC)
VOUT(DC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com