Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2133YML Datasheet(PDF) 38 Page - Microchip Technology

Part # MIC2133YML
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133YML Datasheet(HTML) 38 Page - Microchip Technology

Back Button MIC2133YML Datasheet HTML 34Page - Microchip Technology MIC2133YML Datasheet HTML 35Page - Microchip Technology MIC2133YML Datasheet HTML 36Page - Microchip Technology MIC2133YML Datasheet HTML 37Page - Microchip Technology MIC2133YML Datasheet HTML 38Page - Microchip Technology MIC2133YML Datasheet HTML 39Page - Microchip Technology MIC2133YML Datasheet HTML 40Page - Microchip Technology MIC2133YML Datasheet HTML 41Page - Microchip Technology MIC2133YML Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 38
MIC2133
The output voltage is determined by the equation
below:
EQUATION 5-37:
A typical value of R1 can be between 3 kΩ and 10 kΩ.
If R1 is too large, it may allow noise to be introduced
into the voltage feedback loop. If R1 is too small, it
decreases the efficiency of the buck converter,
especially at light loads. After R1 is selected, R2 can be
calculated using the formula below.
EQUATION 5-38:
5.7
Secondary Phase Shedding On
and Off
The output load currents at which the secondary phase
will be turned on and off can be estimated with the
equation below.
EQUATION 5-39:
5.8
AVP Droop Load Line Resistance
The AVP Droop load line resistance can be calculated
by the equation below.
EQUATION 5-40:
5.9
Power Dissipation in MIC2133
The MIC2133 features two Low-Dropout (LDO)
regulators to supply power at the PVDD pin from either
VIN or EXTVDD, depending on the voltage at the
EXTVDD pin. PVDD powers the MOSFET drivers and
VDD pin, which powers the internal circuitry and is
recommended to connect to PVDD through a low-pass
filter. In applications where the output voltage is 5V and
above (up to 14V), it is recommended that the EXTVDD
be connected to the output to reduce the power dissi-
pation in the MIC2133 to reduce the MIC2133 junction
temperature and to improve the system efficiency. The
power dissipation in the MIC2133 depends on the inter-
nal LDO being in use, gate charge of the external MOS-
FETs and switching frequency. The power dissipation
and the junction temperature of the MIC2133 can be
estimated using the equation below, Equation 5-42 and
Equation 5-43.
Power dissipation in the MIC2133 is calculated in the
equation below when EXTVDD is not used.
EQUATION 5-41:
VOUT
VREF
1
R1
R2
-------
+


=
Where:
VREF =0.6V
R2
VREF R1
VOUT VREF
–
---------------------------------
=
ILOAD SECON

1.2V VPSH
–
4RSENSE
------------------------------


I
LPP

2
-------------------


–
ILOAD SECOFF

0.8V
1.2V VPSH
–

4RSENSE
-----------------------------------------------------

 I
LPP

–
Where:
ILOAD(SECON) = Load Current at which the Secondary
Phase will be Turned On
ILOAD(SECOFF) = Load Current at which the Secondary
Phase will be Turned Off
VPSH = Voltage at the PSH Pin
∆IL(PP) = Peak-to-Peak Ripple Inductor Current
RSENSE = Current Sense Resistance: Either
Fixed Sense Resistor or Low-Side
MOSFET RDS(ON)
RLOADLINE
V
OUT DROOP

I
LPK

------------------------------------------------
4RSENSE
1
RDROOP
RFBB2
--------------------------
+
------------------------------------
1
VREF
VOUT
----------------
–


 VOUT
VREF
----------------
==
Where:
∆VOUT(DROOP) = Change in Output Voltage with Load
∆IL(PK) = Total Change in Peak Inductor
Current for All Phases for a given
Change in Load Current
RSENSE = Current Sense Resistance
VREF = Reference Voltage (0.6V typical)
VOUT = Output Voltage
RDROOP = Resistance of Droop Setting Resistor
Connected at the DROOP Pin
RFBB2 = Lower Bottom Feedback Resistance
Value
PIC
VIN
IGTOTAL

IQ
+

=
Where:
IG(TOTAL) = Total Average Gate Drive Current for All
Phases
IQ = Quiescent Current of MIC2133
QG(HS1),
QG(LS1)
= Gate Charge of High-Side and
Low-Side MOSFETs in Phase 1
QG(HS2),
QG(LS2)
= Gate Charge of High-Side and
Low-Side MOSFETs in Phase 2
IGTOTAL

QGHS1
 QGLS1
 QGHS2
 QGLS2

++
f
SW
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com