Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2133YML Datasheet(PDF) 31 Page - Microchip Technology

Part # MIC2133YML
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133YML Datasheet(HTML) 31 Page - Microchip Technology

Back Button MIC2133YML Datasheet HTML 27Page - Microchip Technology MIC2133YML Datasheet HTML 28Page - Microchip Technology MIC2133YML Datasheet HTML 29Page - Microchip Technology MIC2133YML Datasheet HTML 30Page - Microchip Technology MIC2133YML Datasheet HTML 31Page - Microchip Technology MIC2133YML Datasheet HTML 32Page - Microchip Technology MIC2133YML Datasheet HTML 33Page - Microchip Technology MIC2133YML Datasheet HTML 34Page - Microchip Technology MIC2133YML Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 31
MIC2133
The TEMP pin voltage is given in the equation below.
EQUATION 4-30:
The CSH pin monitors the average inductor current by
using the bottom FET RDSON as a sense resistor. The
CSH pin voltage can be calculated using the equation
below.
EQUATION 4-31:
Because of the sense resistor type (NMOS FET), the
constant, K, depends on temperature.
To measure the real current through a PMBus, the
voltage values at the TEMP and CSH pins will be
used by a PMBus-enabled microcontroller to cancel the
temperature dependence and get a precise temperature-
independent measurement by calculating the corrected
value using a stable, known temperature dependency
and calibrating at 25°C.
The system input voltage and the output voltage are
also available from the MIC2133 converter. These volt-
ages can be sensed by the PMBus-enabled microcon-
troller, through appropriate resistive dividers, to convert
to digital form and communicate with the PMBus host
for telemetry.
Additionally, the external temperature from the individ-
ual channels can be measured by the PMBus-enabled
microcontroller through the external PN junction diode
placed at the hot spot in the channel (e.g., MOSFET or
inductor).
This is the mechanism through which the MIC2133
provides all the required process variables in the
system, as analog sense to the PMBus-enabled
microcontroller, which will provide telemetry to the
PMBus host controller.
4.5.14
FREQUENCY PROGRAMMING
The switching frequency per phase in CCM can be
programmed by the equation below:
EQUATION 4-32:
4.5.15
THERMAL SHUTDOWN
When the junction temperature of the MIC2133
reaches +160°C or above, the buck converter goes into
thermal shutdown. When the junction temperature falls
below +140°C, the MIC2133 buck converter soft starts
again.
VTEMP
TJ GTS VOS TS

+
=
Where:
TJ = MIC2133 Device Junction Temperature
GTS = Gain of Thermal Sense (6 mV/°C typical)
VOS(TS) = Offset Voltage of Thermal Sense Output
(1.8V typical)
VCSH
ILAVG

KVCSH 0A

+
=
Where:
IL(AVG) = Average Inductor Current
VCSH(0A) =1.2V = VCSH Voltage for IL(AVG) = 0A to Allow
2-Quadrant Monitoring (e.g., IL(AVG) ±10A)
K = Constant Factor
Where:
RFREQ = Resistor Connects from FREQ Pin to AGND
RFREQ =
20.1 × 109
fSW_PH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com