Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2133YML Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC2133YML
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133YML Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC2133YML Datasheet HTML 7Page - Microchip Technology MIC2133YML Datasheet HTML 8Page - Microchip Technology MIC2133YML Datasheet HTML 9Page - Microchip Technology MIC2133YML Datasheet HTML 10Page - Microchip Technology MIC2133YML Datasheet HTML 11Page - Microchip Technology MIC2133YML Datasheet HTML 12Page - Microchip Technology MIC2133YML Datasheet HTML 13Page - Microchip Technology MIC2133YML Datasheet HTML 14Page - Microchip Technology MIC2133YML Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 11
MIC2133
Note: Unless otherwise indicated, VIN =12V; VOUT =5V; fSW = 500 kHz/phase; VBST – VSW =5V; TA =+25°C.
FIGURE 2-7:
Line Regulation
(VOUT = 5V).
FIGURE 2-8:
Line Regulation
(VOUT = 12V).
FIGURE 2-9:
Line Regulation
(VOUT = 28V).
FIGURE 2-10:
Load Regulation
(VOUT = 5V).
FIGURE 2-11:
Load Regulation
(VOUT =12V).
FIGURE 2-12:
Load Regulation
(VOUT =28V).
4.980
4.985
4.990
4.995
5.000
5.005
5.010
5.015
5.020
8 1216202428323640444852566064687276
Input Voltage (V)
I
OUT = 0A
11.6
11.7
11.8
11.9
12.0
12.1
12.2
12.3
12.4
24 28 32 36 40 44 48 52 56 60 64 68 72 76
Input Voltage (V)
I
OUT = 0A
27.5
27.6
27.7
27.8
27.9
28.0
28.1
28.2
28.3
28.4
28.5
36
40
44
48
52
56
60
64
68
72
76
Input Voltage (V)
I
OUT = 0A
4.980
4.985
4.990
4.995
5.000
5.005
5.010
5.015
5.020
0
2
4
6
8
101214161820
Output Current (A)
VIN=12V
VIN=24V
VIN=48V
V
IN = 12V
V
IN = 24V
V
IN = 48V
11.5
11.6
11.7
11.8
11.9
12.0
12.1
12.2
12.3
12.4
12.5
0123456789
10
Output Current (A)
VIN=24V
VIN=48V
V
IN = 24
IN
V
= 48
27.0
27.2
27.4
27.6
27.8
28.0
28.2
28.4
28.6
28.8
29.0
012345
Output Current (A)
VIN=48V
V
IN = 48V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com