Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2133YML Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC2133YML
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133YML Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC2133YML Datasheet HTML 10Page - Microchip Technology MIC2133YML Datasheet HTML 11Page - Microchip Technology MIC2133YML Datasheet HTML 12Page - Microchip Technology MIC2133YML Datasheet HTML 13Page - Microchip Technology MIC2133YML Datasheet HTML 14Page - Microchip Technology MIC2133YML Datasheet HTML 15Page - Microchip Technology MIC2133YML Datasheet HTML 16Page - Microchip Technology MIC2133YML Datasheet HTML 17Page - Microchip Technology MIC2133YML Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 14
MIC2133
Note: Unless otherwise indicated, VIN = 12V; VOUT =5V; fSW = 500 kHz/phase; L1 =L2 = 4.7 µH; RILIM =63.4kΩ;
HS-FETs (Q1,Q3) = N-ch 80V 30A 24 mΩ; LS-FETs (Q2,Q4) = N-ch 80V 46A 16 mΩ; VBST – VSW =5V; TA = +25°C.
FIGURE 2-25:
Load Transient without
Droop (VOUT = 5V, IOUT = 1A to 11A).
FIGURE 2-26:
Load Transient with Droop
(VOUT = 5V, IOUT = 1A to 11A).
FIGURE 2-27:
Current Limit per Phase.
FIGURE 2-28:
Output Short-Circuit
Protection and Recovery (VOUT = 5V).
FIGURE 2-29:
Output Short-Circuit
Protection and Recovery (VOUT = 12V).
FIGURE 2-30:
Power-Up with VIN and 10A
Load.
VOUT
100mV/div
IL1
IL2
5A/div
5A/div
100 µs/div
VOUT = 5V
IOUT = 1A to 11A
VIN = 48V
5V Offset
VOUT
100mV/div
IL1
IL2
5A/div
5A/div
1ms/div
VOUT = 5V
IOUT = 1A to 11A
VIN = 48V
5V Offset
RDROOP = 850Ω
VOUT
5V/div
IL2
10A/div
IL1
10A/div
2 ms/div
VOUT = 5V
VIN = 48V
VOUT
5V/div
VSW1
50V/div
4 ms/div
VOUT Short to GND
IL1
5A/div
VIN = 48V
for 20 ms
VOUT = 5V
VOUT
5V/div
VSW1
50V/div
4 ms/div
VOUT Short to GND
IL1
5A/div
VIN = 48V
for 20 ms
VOUT = 12V
4 ms/div
IOUT = 10A
10A/div
IL1
VOUT
5V/div
VSW1
50V/div
VIN
50V/div
VOUT = 5V
VIN = 48V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com