Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2133YML Datasheet(PDF) 47 Page - Microchip Technology

Part # MIC2133YML
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133YML Datasheet(HTML) 47 Page - Microchip Technology

Back Button MIC2133YML Datasheet HTML 42Page - Microchip Technology MIC2133YML Datasheet HTML 43Page - Microchip Technology MIC2133YML Datasheet HTML 44Page - Microchip Technology MIC2133YML Datasheet HTML 45Page - Microchip Technology MIC2133YML Datasheet HTML 46Page - Microchip Technology MIC2133YML Datasheet HTML 47Page - Microchip Technology MIC2133YML Datasheet HTML 48Page - Microchip Technology MIC2133YML Datasheet HTML 49Page - Microchip Technology MIC2133YML Datasheet HTML 50Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 47
MIC2133
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
Device
Device:
MIC2133:
75V Dual Phase, Advanced COT Buck
Controller with Selectable Droop
Feature and Phase Shedding
Junction
Temperature
Range:
Y
=
-40°C to +125°C, RoHS-Compliant
Package:
ML
=
32-Lead, 5 x 5 mm VQFN
Media Type:
TR
=
3300/Reel
(Blank) =
73/Tube
Qualification: (Blank) =
Standard Part
VAO
=
Automotive AEC-Q100 Qualified
XX
X
Package
Junction
Note 1:
Tape and Reel identifier only appears in the catalog part
number description. This identifier is used for ordering
purposes and is not printed on the device package. Check with
your Microchip Sales Office for package availability with the
Tape and Reel option.
Temperature
Range
Examples:
a) MIC2133YML:
75V, Dual Phase Advanced COT Buck Controller
with Selectable Droop Feature & Phase Shedding,
-40°C to +125°C Junction Temperature Range,
32-Lead 5 mm x 5 mm VQFN Package,
73/Tube
b) MIC2133YML-TR:
75V, Dual Phase Advanced COT Buck Controller
with Selectable Droop Feature & Phase Shedding,
-40°C to +125°C Junction Temperature Range,
32-Lead 5 mm x 5 mm VQFN Package,
3300/Reel
c) MIC2133YML-TRVAO: 75V, Dual Phase, Advanced COT Buck Controller,
with Selectable Droop Feature & Phase Shedding,
-40°C to +125°C Junction Temperature Range,
32-Lead 5 mm x 5 mm VQFN Package,
3300/Reel, Automotive AEC-Q100 Qualified
XXX
Qualification
-XX(1)
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com