Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2133YML Datasheet(PDF) 24 Page - Microchip Technology

Part # MIC2133YML
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133YML Datasheet(HTML) 24 Page - Microchip Technology

Back Button MIC2133YML Datasheet HTML 20Page - Microchip Technology MIC2133YML Datasheet HTML 21Page - Microchip Technology MIC2133YML Datasheet HTML 22Page - Microchip Technology MIC2133YML Datasheet HTML 23Page - Microchip Technology MIC2133YML Datasheet HTML 24Page - Microchip Technology MIC2133YML Datasheet HTML 25Page - Microchip Technology MIC2133YML Datasheet HTML 26Page - Microchip Technology MIC2133YML Datasheet HTML 27Page - Microchip Technology MIC2133YML Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 24
MIC2133
Going out of shedding for the secondary phase will be
done at maximum speed to generate a good response
in case of a load transient.
After the phase shedding is done, the host phase
(Phase 1) will automatically allow the DCM mode if
needed by the circuit. Also, the RIP_INJ pulse will have
200 ns to keep the correct prepositioning when adding
back the Phase 2. The shedding Phase 2 will not add
any RIP_INJ pulse. When the Phase 2 is working
again, the device controller will disable the DCM mode
and go into CCM completely.
The figure below is an example of a resistance network
on the PSH pin using an NTC resistor and ensuring the
temperature compensation of phase-shedding action.
FIGURE 4-9:
Temperature Compensation
Network on the PSH Pin.
EXAMPLE 4-1:
CALCULATION of RPSH
BASED ON BOTTOM FET
CURRENT SENSING
The MIC2133 can also be used to report the average
output current via the CSH pin while working with a
PMBus™ macro. While working with a PMBus macro,
DCM and phase shedding need to be disabled through
the PSH pin. The die temperature is reported through
the TEMP pin, the input voltage is reported through the
VIN pin and the output voltage is reported via the
Output Sense (OUTS) pin while working with a PMBus
macro.
4.5.4
CURRENT LIMIT
The MIC2133 uses the RDS(ON) of the external low-side
power MOSFET to sense overcurrent conditions, or a
sense resistor inserted with the source of the bottom
FET can be used for more accurate results and does
not require temperature compensation. The bottom
FET RDS(ON) sensing method will avoid adding cost,
use of additional board space and power losses taken
by a discrete current sense resistor.
The current limit threshold can be programmed by
connecting a resistance from the ILIM pin to AGND.
Both phases use the same current limit threshold.
FIGURE 4-10:
MIC2133 Current-Limiting
Circuit.
The MIC2133 forces a constant 9.6 µA current through
the resistor tied from the ILIM pin to AGND to program
VILIM.
• Supposing that a 25°C nominal load current
generates a voltage drop of VDS = 75 mV at 25°C
on the bottom FET used for sensing current.
• Then, for that level of nominal load,
VDROOP = 8 * 75 mV = 600 mV at 25°C.
•VDROOP ≈1.2V at 125°C in the defined case
above because the RDSON is 2x greater and
VDS =150 mV at 125°C.
• In the case of wanting to shed the secondary phase
at 0.5 * nominal load, then the shedding threshold at
25°C needs to be +300 mV. It will become +600 mV
at 125°C if it is temperature compensated.
•From Equation 4-13, it can be derived that the
imposed VPSH = 1.2V – 1.25 * 0.3V = 0.825V at
25°C. From Equation 4-14,
RPSH = 0.825V/10 µA = 82.5 kΩ at 25°C.
• At 125°C, the necessary shedding threshold is
600 mV, which requires
VPSH = 1.2V – 1.25 * 0.6V = 0.45V at 125°C and the
programming resistor on the PSH pin,
RPSH = 0.45V/10 µA = 45 kΩ at 125°C. Then, the
temperature compensation network with the NTC
resistor can be linearized based on the RPSH values
at 25°C and 125°C.
SW2
CSN2
VIN
ILIM
DL2
DH2
L2
MIC2133
VILIM
CSP2
PGND
ICL
VDD
1.2V
RILIM
+
+
0.25
+
_
0.25
SW1
CSN1
VIN
DL1
DH1
L1
CSP1
VOUT
VOUT
+
_
CH1 SHORT
COMPARATOR
CH2 SHORT
COMPARATOR
SHORT LIMIT 1
SHORT LIMIT 2
SHORT LIMIT &
HICCP CONTROL
SS CONTROL
DRIVERS
CONTROL LOGIC
DL2
DL1
DH1
DH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com