Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2133YML Datasheet(PDF) 26 Page - Microchip Technology

Part # MIC2133YML
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133YML Datasheet(HTML) 26 Page - Microchip Technology

Back Button MIC2133YML Datasheet HTML 22Page - Microchip Technology MIC2133YML Datasheet HTML 23Page - Microchip Technology MIC2133YML Datasheet HTML 24Page - Microchip Technology MIC2133YML Datasheet HTML 25Page - Microchip Technology MIC2133YML Datasheet HTML 26Page - Microchip Technology MIC2133YML Datasheet HTML 27Page - Microchip Technology MIC2133YML Datasheet HTML 28Page - Microchip Technology MIC2133YML Datasheet HTML 29Page - Microchip Technology MIC2133YML Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 26
MIC2133
As shown in Example 4-2, the sizing of current limit per
phase needs to be verified over temperature to make
sure Equation 4-16 and Equation 4-17 work correctly,
because it is necessary to always have:
EQUATION 4-19:
For linearization and fitting the temperature coefficient
of the bottom MOSFET RDSON, a network from ILIM pin
to AGND, used with an NTC resistor, is shown in the
following figure.
FIGURE 4-12:
Resistance Network Used
with RNTC Resistor for Linearization and Fitting
the Temperature Coefficient of MOSFET RDSON.
In case a temperature-independent resistor sensing is
used, a simple temperature constant standard
resistance is used on the ILIM pin.
4.5.5
NEGATIVE CURRENT LIMIT
The MIC2133 supports a cycle-by-cycle negative cur-
rent limit. The absolute value of the negative
current-limiting threshold is 50% of the programmed
current limit. If the negative low-side MOSFET current
is going to trigger a negative current limit, the low-side
MOSFET will be turned off and allow current through its
body diode. During this time, the output voltage tends
to rise because this protection limits the current to dis-
charge the output capacitor. To prevent a huge reverse
current over the short limit value, the low-side FET
turns on after 500 ns, maintaining negative current at
the programmed level.
4.5.6
PRECISION ENABLE (EN)
The precision enable input (EN) is used to control the
regulator. The precision feature allows the simple
sequencing of multiple power supplies with a resistor
divider from another supply. Connecting this pin to
ground or to a voltage lower than 1.2V (typical) will turn
off the regulator. In this state, the current drain from the
input supply is 25 µA (typical) at a 12V input voltage.
The EN input has an internal pull-up of about 6 µA.
Therefore, this pin can be left floating or pulled to a volt-
age greater than 1.2V (typical) to turn the regulator on.
The hysteresis on this input is about 65 mV (typical)
above the 1.2V (typical) threshold. When driving the
enable input, the voltage must never exceed the abso-
lute maximum specification for this pin. Although an
internal pull-up is provided on the EN pin, it is a good
practice to pull the input high when this feature is not
used, especially in noisy environments. This can be
done easily by connecting a high-value resistor (1 MΩ)
between the VIN and EN pins. The MIC2133 device also
incorporates an internal input undervoltage lockout
(UVLO) feature. This prevents the regulator from turning
on when the input voltage is not high enough to properly
bias the internal circuitry. The rising threshold is 4.3V
(typical), while the falling threshold is 3.9V (typical). In
some cases, these thresholds may be too low to provide
good system performance. The solution is to use the EN
input as an external programmable input UVLO to dis-
able the part when the input voltage falls below a target
lower threshold. This is often used to prevent excessive
battery discharge or early turn-on during start-up. This
method is also recommended to prevent abnormal
device operation in applications where the input voltage
falls below the minimum of 4.5V. Figure 4-13 shows the
connections to implement this method of UVLO. The two
equations below can be used to determine the correct
resistor values.
EQUATION 4-20:
EQUATION 4-21:
Due to the 6 µA pull-up, the current in the divider must
be much higher than this. A value of 20 kΩ for RBOT is
a good first choice.
1.2V 4 RDSON
ILIM
RTOP
RBOT
VOFF
VENTH VENHYS
–
------------------------------------------ 1
–


=
Where:
RTOP = Top Resistor of the VIN Voltage Resistor
Divider
RBOT = Bottom Resistor of the VIN Voltage Resistor
Divider
VOFF = Target VIN Voltage below which the
Regulator turns off
VENTH = Device Enable Upper Threshold Voltage
VENHYS = Enable Threshold Hysteresis Voltage
VON
VOFF
VENTH
VENTH VENHYS
–
------------------------------------------
=
Where:
VOFF = Input Voltage where the Regulator
Shuts Off
VON = Input Voltage where the Regulator Turns On
VENHYST = Enable Threshold Hysteresis
VENTH = Enable Upper Threshold Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com