Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2133YML Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC2133YML
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133YML Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC2133YML Datasheet HTML 3Page - Microchip Technology MIC2133YML Datasheet HTML 4Page - Microchip Technology MIC2133YML Datasheet HTML 5Page - Microchip Technology MIC2133YML Datasheet HTML 6Page - Microchip Technology MIC2133YML Datasheet HTML 7Page - Microchip Technology MIC2133YML Datasheet HTML 8Page - Microchip Technology MIC2133YML Datasheet HTML 9Page - Microchip Technology MIC2133YML Datasheet HTML 10Page - Microchip Technology MIC2133YML Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 7
MIC2133
Adaptive Voltage Positioning (AVP), i.e., DROOP
VDROOP at No Load
VDRP_NLOAD
—
10
—
mV
Measure DROOP voltage ~ 0V
when VCSP1 – VCSN1 = 0V,
VCSP2 – VCSN2 = 0V
VDROOP at Maximum Positive
Range
VDRP(PMAX)
—
0.96
—
V
Measure DROOP voltage ~1.2V
when
VCSP1 – VCSN1 = –120 mV,
VCSP2 – VCSN2 = –120 mV
Ripple Injection
Ripple Injection Pulse Width
tPW(RI)
—
100
120
ns
—
Ripple Injection Prepositioning
Current
IBIAS
—
4.8
6
µA
Force VRIPINJ = 0V,
VSS = 0V,
measure current
Injection Driver ON Resistance
RDSON(INJ)
—50
—
Ω
—
Internal MOSFET Drivers
DHx On-Resistance, High State
RON_DHH
—2.5
4.5
Ω
ISOURCE = 0.1A
DHx On-Resistance, Low State
RON_DHL
—1.6
3.2
Ω
ISINK = 0.1A
DLx On-Resistance, High State
RON_DLH
—2.5
4.5
Ω
ISOURCE = 0.1A
DLx On-Resistance, Low State
RON_DLL
—0.8
1.5
Ω
ISINK = 0.1A
SW, VIN and BST Leakage
BST Leakage
ILEAK(BST)
——
10
µA
VBST = 75V
VIN Leakage
ILEAK(VIN)
——
60
µA
VIN = 70V
SW Leakage
ILEAK(SW)
——
20
µA
VSW = 70V
Power Good (PG)
PG Threshold from Low to High
VPG_TH
83
88
94
%VOUT VFBS rising
PG Threshold Hysteresis
VPG_HYS
—7
—
%VOUT VFBS falling
PG Delay
tD_PG
—
100
—
µs
VFBS rising
PG Low State Voltage
VPG_L
—70
200
mV
VFBS < 90% x VNOM,
IPG = 1 mA
PG Leakage Current
ILEAK(PG)
——
500
nA
VPG = 5.5V
ELECTRICAL CHARACTERISTICS(1) (CONTINUED)
Electrical Characteristics: VIN =12V; VOUT =5V; fSW = 500 kHz/phase; VBST – VSW =5V; TA = +25°C; unless noted.
Boldface values indicate -40°C ≤ TJ ≤ +125°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: Specification for packaged product only.
2: Ensured by design and characterization. Not production tested.
3: Measured in Test mode.
4: The maximum duty cycle is limited by the fixed mandatory off-time of typically 360 ns.
5: Limited by maximum junction temperature TJ = +125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com