Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014035B Datasheet(PDF) 97 Page - Xmos Ltd.

Part # XM014035B
Description  XCore - Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 265-FBGA (14x14)
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014035B Datasheet(HTML) 97 Page - Xmos Ltd.

Back Button XM014035B Datasheet HTML 93Page - Xmos Ltd. XM014035B Datasheet HTML 94Page - Xmos Ltd. XM014035B Datasheet HTML 95Page - Xmos Ltd. XM014035B Datasheet HTML 96Page - Xmos Ltd. XM014035B Datasheet HTML 97Page - Xmos Ltd. XM014035B Datasheet HTML 98Page - Xmos Ltd. XM014035B Datasheet HTML 99Page - Xmos Ltd. XM014035B Datasheet HTML 100Page - Xmos Ltd. XM014035B Datasheet HTML 101Page - Xmos Ltd.  
Zoom Inzoom in Zoom Outzoom out
 97 / 101 page
background image
XU6--FB6 Datasheet
G
Schematics Design Check List
This section is a checklist for use by schematics designers using the XU6-
-FB6. Each of the following sections contains items to check for
each design.
G.
Power supplies
The VDD (core) supply is capable of supplying ,
mA (Section
and
Figure
).
PLL_AVDD is ltered with a low pass lter, for example an RC lter, see Sec-
tion
.
PLL_AVDD is ltered with a low pass lter, for example an RC lter, see
Section
.
If any of the VDDIOL, VDDIOT, or VDDIOR domains are at V8, then then
the corresponding LV_L_N, LV_T_N, or LV_R_N pin has been strapped to
GROUND (Section ).
G.
Power supply decoupling
The design has multiple decoupling capacitors per supply, as specied in
Section .
A bulk decoupling capacitor of at least uF is placed on each supply (Sec-
tion ).
G.
Power on reset
At least one of these two conditions is true:
. All VDDIO pins are supplied by the same .8V supply (the on-chip power-
on-reset will operate correctly); or
. RST_N is kept low until all VDDIO are valid, and RST_N is fast enough to
meet USB timings.
See Section .
G.
Clock
If you put a crystal between XIN/XOUT you followed the guidelines in Sec-
tion . .
If you supply a clock directly onto XIN, then it is .8V, low jitter, and has
monotonic edges.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com