Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014035B Datasheet(PDF) 33 Page - Xmos Ltd.

Part # XM014035B
Description  XCore - Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 265-FBGA (14x14)
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014035B Datasheet(HTML) 33 Page - Xmos Ltd.

Back Button XM014035B Datasheet HTML 29Page - Xmos Ltd. XM014035B Datasheet HTML 30Page - Xmos Ltd. XM014035B Datasheet HTML 31Page - Xmos Ltd. XM014035B Datasheet HTML 32Page - Xmos Ltd. XM014035B Datasheet HTML 33Page - Xmos Ltd. XM014035B Datasheet HTML 34Page - Xmos Ltd. XM014035B Datasheet HTML 35Page - Xmos Ltd. XM014035B Datasheet HTML 36Page - Xmos Ltd. XM014035B Datasheet HTML 37Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 101 page
background image
XU6--FB6 Datasheet
0.0
valid
VDD
VDDIOB18
VDDIO*
valid
valid
0.9
0.0
1.8
0.0
V(VDDIO*)
VDDIOB18 and VDD valid
VDDIO* must be valid before
VDDIO*
valid
0.0
V(VDDIO*)
RST_N high
VDDIO* valid before
0.0
External
RST_N
1.8
Time
(a) Power sequencing, rely on internal POR
Time
(b) Power sequencing, use external RST_N
Internal
PORST_N
0
1
Th(VDDIOB18)
Th(VDD)
T(POR)
VDDIOB18 and VDD must be valid
within T(POR) of crossing threshold
Figure
:
Sequencing of
power
supplies and
RST_N (if
used)
D+
D-
D+
D-
Low speed
signal
High speed
signal
Signal
Signal
GND
Power
Differential pair
Differential pair
W
S
1
S
2
S
2
S
3
H
Figure
:
Spacings of a
low speed
signal, two
differential
pairs and a
high speed
signal
Parameter
USB
MIPI
Value
Unit
Value
Unit
Impedance
Ω
x˜
Ω
W
: trace width
.
mm
.
mm
S1
: spacing between D+/D-
.
mm
.
mm
S2
: spacing between diff pairs
.
mm
.6
mm
S3
: spacing to high speed signal
.
mm
.
mm
H
: di-electric height
.
mm
.
mm
Skew between D+/D-
mm
.
mm
Skew between clock/data
N/A
mm
Figure
:
Differential
pair
parameters
.
General routing and placement guidelines
The following guidelines will help to avoid signal quality and EMI problems on high speed
designs. They relate to a four-layer (Signal, GND, Power, Signal) PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com