Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014035B Datasheet(PDF) 49 Page - Xmos Ltd.

Part # XM014035B
Description  XCore - Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 265-FBGA (14x14)
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014035B Datasheet(HTML) 49 Page - Xmos Ltd.

Back Button XM014035B Datasheet HTML 45Page - Xmos Ltd. XM014035B Datasheet HTML 46Page - Xmos Ltd. XM014035B Datasheet HTML 47Page - Xmos Ltd. XM014035B Datasheet HTML 48Page - Xmos Ltd. XM014035B Datasheet HTML 49Page - Xmos Ltd. XM014035B Datasheet HTML 50Page - Xmos Ltd. XM014035B Datasheet HTML 51Page - Xmos Ltd. XM014035B Datasheet HTML 52Page - Xmos Ltd. XM014035B Datasheet HTML 53Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 101 page
background image
XU6--FB6 Datasheet
B.
xCORE Tile boot status
BOOT_CONFIG 0x03
This read-only register describes the boot status of the xCORE tile.
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
:6
RO
Processor number.
BOOT_CONFIG_PROCESSOR
:
RO
-
Reserved
8
RO
Overwrite BOOT_MODE.
BOOT_CONFIG_SECURE_BOOT
:
RO
-
Reserved
RO
Cause the ROM to not poll the OTP for correct read levels
BOOT_CONFIG_DISABLE_OTP_POLL
RO
Boot ROM boots from RAM
BOOT_CONFIG_BOOT_FROM_RAM
RO
Boot ROM boots from JTAG
BOOT_CONFIG_BOOT_FROM_JTAG
:
RO
The boot PLL mode pin value.
BOOT_CONFIG_PLL_MODE_PINS
x:
xCORE Tile
boot status
B.
Security conguration
SECURITY_CONFIG 0x05
Copy of the security register as read from OTP.
Bits
Perm
Init
Description
Identier
RW
Disables write permission on this register
SECUR_CFG_DISABLE_ACCESS
:
RO
-
Reserved
RW
Disable access to XCore’s global debug
SECUR_CFG_DISABLE_GLOBAL_DEBUG
:
RO
-
Reserved
RW
Disable read access to OTP.
SECUR_CFG_OTP_READ_LOCK
8
RW
Prevent access to OTP SBPI interface to prevent programming and
other functions.
SECUR_CFG_OTP_PROGRAM_DISABLE
RW
Combine OTP into a single address-space for reading.
SECUR_CFG_OTP_COMBINED
6
RO
-
Reserved
RW
Override boot mode and read boot image from OTP SECUR_CFG_SECURE_BOOT
RW
Disable JTAG access to the PLL/BOOT conguration registers
SECUR_CFG_DISABLE_PLL_JTAG
:
RO
-
Reserved
RW
Disable access to XCore’s JTAG debug TAP
SECUR_CFG_DISABLE_XCORE_JTAG
x:
Security
conguration
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com