Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014035B Datasheet(PDF) 13 Page - Xmos Ltd.

Part # XM014035B
Description  XCore - Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 265-FBGA (14x14)
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014035B Datasheet(HTML) 13 Page - Xmos Ltd.

Back Button XM014035B Datasheet HTML 9Page - Xmos Ltd. XM014035B Datasheet HTML 10Page - Xmos Ltd. XM014035B Datasheet HTML 11Page - Xmos Ltd. XM014035B Datasheet HTML 12Page - Xmos Ltd. XM014035B Datasheet HTML 13Page - Xmos Ltd. XM014035B Datasheet HTML 14Page - Xmos Ltd. XM014035B Datasheet HTML 15Page - Xmos Ltd. XM014035B Datasheet HTML 16Page - Xmos Ltd. XM014035B Datasheet HTML 17Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 101 page
background image
XU6--FB6 Datasheet
Example Application Diagram
XnDnn
VDDIOT
VDDIOL
VDDIOB18
VDDIOR
1V8
in
out
VDD
PLL_AVDD
0V9
in
out
XIN
XOUT
24 MHz
GPIO
MIPI_VDD18
MIPI_DP0
MIPI_DN0
MIPI_DP1
MIPI_DN1
MIPI_DP2
MIPI_DN2
MIPI
MIPI_VDD09
Optional
Lane 1
Lane 2
Clock
USB_VDD18
USB_VDD33
USB_DP
USB_DM
USB
Optional
USB_ID
RST_N
NC, or
external reset
TRST_N
3V3
1V8
3V3
1V8
3V3
1V8
3V3
in
out
Opt
OTP_VCC
X0D01
X0D04
X0D05
X0D06
X0D07
X0D10
QSPI
Flash
VDDIOL
LPDDR RAM
...
VDDIOT
Optional
PLL_AVDD2
Figure :
Simplied
Reference
Schematic
see Section
for details on the USB PHY
see Section
for details on the MIPI D-PHY receiver
see Section
for details on the power supplies and PCB design
see Section for details on oscillator frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com