Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014035B Datasheet(PDF) 56 Page - Xmos Ltd.

Part # XM014035B
Description  XCore - Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 265-FBGA (14x14)
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014035B Datasheet(HTML) 56 Page - Xmos Ltd.

Back Button XM014035B Datasheet HTML 52Page - Xmos Ltd. XM014035B Datasheet HTML 53Page - Xmos Ltd. XM014035B Datasheet HTML 54Page - Xmos Ltd. XM014035B Datasheet HTML 55Page - Xmos Ltd. XM014035B Datasheet HTML 56Page - Xmos Ltd. XM014035B Datasheet HTML 57Page - Xmos Ltd. XM014035B Datasheet HTML 58Page - Xmos Ltd. XM014035B Datasheet HTML 59Page - Xmos Ltd. XM014035B Datasheet HTML 60Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 101 page
background image
XU6--FB6 Datasheet
B.
Resources breakpoint value
DBG_RWATCH_ADDR2 0x90 .. 0x93
This set of registers contains the value for the four resource watchpoints.
Bits
Perm
Init
Description
Identier
:
DRW
Value.
ALL_BITS
x
.. x:
Resources
breakpoint
value
B.8 Resources breakpoint control register
DBG_RWATCH_CTRL 0x9C ..
0x9F
This set of registers controls each of the four resource watchpoints.
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
:6
DRW
A bit for each thread in the machine allowing the breakpoint to be en-
abled individually for each thread.
BRK_THREADS
:
RO
-
Reserved
DRW
When break when condition A is met. When = break when condition
B is met.
RBRK_CONDITION
DRW
When the breakpoint is enabled.
BRK_ENABLE
xC .. xF:
Resources
breakpoint
control
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com