Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014035B Datasheet(PDF) 31 Page - Xmos Ltd.

Part # XM014035B
Description  XCore - Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 265-FBGA (14x14)
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014035B Datasheet(HTML) 31 Page - Xmos Ltd.

Back Button XM014035B Datasheet HTML 27Page - Xmos Ltd. XM014035B Datasheet HTML 28Page - Xmos Ltd. XM014035B Datasheet HTML 29Page - Xmos Ltd. XM014035B Datasheet HTML 30Page - Xmos Ltd. XM014035B Datasheet HTML 31Page - Xmos Ltd. XM014035B Datasheet HTML 32Page - Xmos Ltd. XM014035B Datasheet HTML 33Page - Xmos Ltd. XM014035B Datasheet HTML 34Page - Xmos Ltd. XM014035B Datasheet HTML 35Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 101 page
background image
XU6--FB6 Datasheet
the xCORE Tile based on this pin. This pin should have an external pull up of K-K Ω
or left not connected in single core applications.
The JTAG device identication register can be read by using the IDCODE instruction. Its
contents are specied in Figure .
Bit
Device Identication Register
Bit
Version
Part Number
Manufacturer Identity
6
6
Figure
:
IDCODE return
value
The JTAG usercode register can be read by using the USERCODE instruction. Its con-
tents are specied in Figure 8. The OTP User ID eld is read from bits [:] of the
OTP_JTAG_USER_WORD on xCORE Tile , see Section . (all zero on unprogrammed
devices). The OTP User ID eld is set by the boot ROM when it executes after the device
reset has been de-asserted, so its value is not available to read when the device is in
reset.
Bit
Usercode Register
Bit
OTP User ID
Silicon Revision
A
Figure 8:
USERCODE
return value
You can program the PLL and reset the device over JTAG. When IR is set to eight, the DR
value is shifted directly into the PLL settings register (Appendix D. ), which includes bits
for resetting the device and for setting the “boot-from-JTAG” bit. Note that if TCK is not
free running then at least
TCK clocks must be provided after shifting the value into
DR for the write to take effect.
Board Integration
The device has power and ground pins for different supplies. Several pins of each type
may be provided to minimize the effect of inductance within the package, all of which
must be connected.
VDD pins for the xCORE Tile. The VDD supply should be well decoupled at high frequen-
cies. Place many (at least )
nF low inductance multi-layer ceramic capacitors
close to the chip between the supplies and GND.
VDDIO pins for the I/O lines. Separate I/O supplies are provided for the left, bottom, top,
and right side of the package; different I/O voltages may be supplied on those. The sig-
nal description (Section ) species which I/O is powered from which power-supply.
The VDDIO supplies should be decoupled close to the chip by several
nF low in-
ductance multi-layer ceramic capacitors between the supplies and GND, for example,
one
nF
low inductance MLCCs on each supply pin. If you use .8V for any
of the VDDIOL, VDDIOT, or VDDIOR domains, then you must strap the corresponding
LV_L_N, LV_T_N, or LV_R_N pins to GROUND
PLL_AVDD pin for the PLL, with an associated PLL_AGND. The PLL_AVDD supply should
be separated from the other noisier supplies on the board. The PLL requires a very
clean power supply, and a low pass lter (for example, a µF multi-layer ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com