Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014035B Datasheet(PDF) 36 Page - Xmos Ltd.

Part # XM014035B
Description  XCore - Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 265-FBGA (14x14)
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014035B Datasheet(HTML) 36 Page - Xmos Ltd.

Back Button XM014035B Datasheet HTML 32Page - Xmos Ltd. XM014035B Datasheet HTML 33Page - Xmos Ltd. XM014035B Datasheet HTML 34Page - Xmos Ltd. XM014035B Datasheet HTML 35Page - Xmos Ltd. XM014035B Datasheet HTML 36Page - Xmos Ltd. XM014035B Datasheet HTML 37Page - Xmos Ltd. XM014035B Datasheet HTML 38Page - Xmos Ltd. XM014035B Datasheet HTML 39Page - Xmos Ltd. XM014035B Datasheet HTML 40Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 101 page
background image
XU6--FB6 Datasheet
Electrical Characteristics
.
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent
damage to the device. Exposure to any Absolute Maximum Rating condition for extended
periods may affect device reliability and lifetime.
Symbol
Parameter
MIN
MAX
UNITS
Notes
VDD
Tile DC supply voltage
-.
.
V
PLL_AVDD*
PLL analog supplies
-.
.
V
VDDIOB8
I/O supply voltage
-.
.8
V
OTP_VCC
OTP supply voltage
-.
.8
V
Tj
Active junction temperature
-
°C
Tstg
Storage temperature
-6
°C
V(Vin)
Voltage applied to any IO pin
-.
VDDIO+.
V
I(XxDxx)
Current per GPIO pin
-
mA
A
I(VDDIOL)
Sum of current for VDDIOL
mA
B, C, D
I(VDDIOR)
Sum of current for VDDIOR
8
mA
B, C, D
I(VDDIOT)
Sum of current for VDDIOT
mA
B, C, D
I(VDDIOB8)
Sum of current for VDDIOB8
6
mA
B, C, D
VDDIOL (V8 nom)
I/O supply voltage
-.
.8
V
VDDIOR (V8 nom)
I/O supply voltage
-.
.8
V
VDDIOT (V8 nom)
I/O supply voltage
-.
.8
V
VDDIOL (V nom)
I/O supply voltage
-.
.6
V
VDDIOR (V nom)
I/O supply voltage
-.
.6
V
VDDIOT (V nom)
I/O supply voltage
-.
.6
V
Figure
:
Absolute
maximum
ratings
A At .8V
B Exceeding these current limits will result in premature aging and reduced lifetime.
C This current consumption must be evenly distributed over all VDDIO pins.
D All main power (VDD, VDDIO) and ground (VSS) pins must always be connected.
.
Operating Conditions
Please note that the numbers below are preliminary. Contact XMOS for information
about other temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com