Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014035B Datasheet(PDF) 29 Page - Xmos Ltd.

Part # XM014035B
Description  XCore - Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 265-FBGA (14x14)
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014035B Datasheet(HTML) 29 Page - Xmos Ltd.

Back Button XM014035B Datasheet HTML 25Page - Xmos Ltd. XM014035B Datasheet HTML 26Page - Xmos Ltd. XM014035B Datasheet HTML 27Page - Xmos Ltd. XM014035B Datasheet HTML 28Page - Xmos Ltd. XM014035B Datasheet HTML 29Page - Xmos Ltd. XM014035B Datasheet HTML 30Page - Xmos Ltd. XM014035B Datasheet HTML 31Page - Xmos Ltd. XM014035B Datasheet HTML 32Page - Xmos Ltd. XM014035B Datasheet HTML 33Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 101 page
background image
XU6--FB6 Datasheet
PORT_1J
PORT_1I
PORT_8B
CLKBLK
RXD
PORT_1H
CLKBLK
PORT_1K
PORT_8A
TXD
xCORE
USB
connector
ID connection is optional
DM may be marked as DN
USB_VDD18
USB_VD D33
3V3 1V8
3V3 1V8
Regulators
GND
PORT_1E
FLAG0
PORT_1F
FLAG1
USB
PHY
RXD[0..7]
RXRDY
CLK
TXD[0..7]
TXRDY OUT
TXRDY IN
VBUS
1-10uF
USB_DP
USB_DM
DP
DM
ID
LINESTATE0
RXACTIVE
LINESTATE1
RXERROR
SWITCH
USB_SHIM_CFG
USB_ID
XnDnn
47K
220K
External
supply
100K (1V8 IO)
330K (3V3 IO)
Figure
:
Self powered
USB-device
When connecting a USB cable to the device it is possible an overvoltage transient will
be present on VBus due to the inductance of the USB cable combined with the required
input capacitor on VBus. The circuit in Figure
ensures that the transient does not
damage the device. The
k series resistor and -uF capacitor ensure than any input
transient is ltered and does not reach the device. A resistor to ground divides the V
VBUS voltage, and makes sure that the signal on the GPIO pin is not more than the IO
voltage. It should be
K for a .8V IO domain, or
K for a .V IO domain. The
k
resistor to ground is a bleeder resistor to discharge the input capacitor when VBus is not
present. The -uF input capacitor is required as part of the USB specication. A typical
value would be .uF to ensure the uF minimum requirement is met even under voltage
bias conditions.
In any case, extra components (such as a ferrite bead and diodes) may be required for
EMC compliance and ESD protection. Different wiring is required for USB-host and USB-
OTG.
.
Logical Core Requirements
The XMOS XUD library runs in a single logical core with endpoint and application cores
communicating with it via a combination of channel communication and shared memory
variables.
Each IN (host requests data from device) or OUT (data transferred from host to device)
endpoint requires one logical core.
MIPI PHY
The device has a two Data Lane MIPI D-PHY receiver on board, capable of receiving MIPI
data at up to . Gbps. The MIPI D-PHY has three differential pairs. By default, DP/DN
are lane one, DP/DN are the clock, and DP/DN are an optional second lane. The
lanes can be congured (and the lanes/clocks swapped around) using the MIPI lane
conguration register, see Appendix D.8.
The MIPI receiver has a decoder for common CSI- packed formats, and is connected to
the ports shown in Figure
. The MIPI block is clocked from its own clock source that
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com