Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014035B Datasheet(PDF) 32 Page - Xmos Ltd.

Part # XM014035B
Description  XCore - Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 265-FBGA (14x14)
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014035B Datasheet(HTML) 32 Page - Xmos Ltd.

Back Button XM014035B Datasheet HTML 28Page - Xmos Ltd. XM014035B Datasheet HTML 29Page - Xmos Ltd. XM014035B Datasheet HTML 30Page - Xmos Ltd. XM014035B Datasheet HTML 31Page - Xmos Ltd. XM014035B Datasheet HTML 32Page - Xmos Ltd. XM014035B Datasheet HTML 33Page - Xmos Ltd. XM014035B Datasheet HTML 34Page - Xmos Ltd. XM014035B Datasheet HTML 35Page - Xmos Ltd. XM014035B Datasheet HTML 36Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 101 page
background image
XU6--FB6 Datasheet
capacitor and a ferrite of 6
ohm at
MHz and DCR < ohm, eg, Taiyo Yuden
BKHLM6-T) is recommended on this pin.
PLL_AVDD pins for the secondary PLL, with an associated PLL_AGND. This should
be ltered the same way as PLL_AVDD.
OTP_VCC pins for the OTP
A MIPI_VDD
pin for the analogue core supply to the MIPI D-PHY , with an asso-
ciated MIPI_GND. This supply needs a µF decoupler close to the pin. Connect
MIPI_VDD
to ground if MIPI is not used in the design.
A MIPI_VDD8 pin for the analogue .8V supply to the MIPI D-PHY. This supply needs
a µF decoupler close to the pin. Connect MIPI_VDD8 to ground if MIPI is not used
in the design.
A USB_VDD8 pin for the analogue .8V supply to the USB-PHY, with an associated
USB_GND8. You can leave USB_VDD8 unconnected if USB is not used in the design.
A USB_VDD pin for the analogue .V supply to the USB-PHY. You can leave USB_VDD
unconnected if USB is not used in the design.
GND for all other supplies, including VDD and VDDIO.
All ground pins must be connected directly to the board ground. The ground side of the
decoupling capacitors should have as short a path back to the GND pins as possible. A
bulk decoupling capacitor of at least
uF should be placed on VDD and VDDIO supplies.
The power supplies must be brought up monotonically and input voltages must not ex-
ceed specication at any time.
Power sequencing is summarised in Figure
. VDDIO and VDD can ramp up indepen-
dently. In order to reduce stresses on the device, it is preferable to make them ramp up
within a short time of each other, no more than
ms apart. You must ensure that the
VDDIOL, VDDIOT, and VDDIOR domains are valid before the device is taken out of reset,
as the boot pins are on VDDIOL. If you use a single .8V VDDIO power supply, then the
on-chip power-on-reset will ensure that reset stays low until all supplies are valid. If you
use multiple power supplies, then you must either ensure that RST_N stays asserted until
the VDDIOL/R/T domains are valid, or ensure that VDDIOL/R/T are valid by the time that
VDDIOB8 and VDD are valid.
.
Differential pair signal routing and placement
If you are using the USB PHY and/or the MIPI D-PHY , then you should route the differen-
tial pair marked D+ and D- carefully in order to ensure signal integrity. The D+ and D- lines
are the positive and negative data polarities of a high speed signal respectively. Their
high-speed differential nature implies that they must be coupled and properly isolated.
The board design must ensure that the board traces for D+ and D- are tightly matched.
In addition the differential impedance of D+ and D- must meet its specications. We
route MIPI D-PHY signals as loosely coupled pairs. Figures
and
show guidelines
on how to space and stack the board when routing differential pairs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com