Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014035B Datasheet(PDF) 26 Page - Xmos Ltd.

Part # XM014035B
Description  XCore - Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 265-FBGA (14x14)
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014035B Datasheet(HTML) 26 Page - Xmos Ltd.

Back Button XM014035B Datasheet HTML 22Page - Xmos Ltd. XM014035B Datasheet HTML 23Page - Xmos Ltd. XM014035B Datasheet HTML 24Page - Xmos Ltd. XM014035B Datasheet HTML 25Page - Xmos Ltd. XM014035B Datasheet HTML 26Page - Xmos Ltd. XM014035B Datasheet HTML 27Page - Xmos Ltd. XM014035B Datasheet HTML 28Page - Xmos Ltd. XM014035B Datasheet HTML 29Page - Xmos Ltd. XM014035B Datasheet HTML 30Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 101 page
background image
XU6--FB6 Datasheet
0008 0000
0010 0000
Internal RAM
FFF0 0000
FFF0 4000
Boot ROM
4000 0000
8000 0000
Software memory
1000 0000
2000 0000
External LPDDR1 RAM
Figure
:
Address space
xCORE0
LPDDR controller and PHY
SRAM
Execution
pipeline
8-line
buffer
xCORE1
SRAM
Execution
pipeline
8-line
buffer
Address
Data
LPDDR memory device
xCORE device
Figure
:
LPDDR pin
muxing.
Logically, the memory can be connected to either Tile or Tile ; it is up to the program-
mer to decide which one. The memory is connected by the tile enabling the external
memory interface through a process-status control register, see Section B. . Only one
tile should enable the external memory interface. A small buffer decouples the LPDDR
memory from the device. The memory is addressed in the enabled device from address
x
- xFFF FFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com