Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014035B Datasheet(PDF) 39 Page - Xmos Ltd.

Part # XM014035B
Description  XCore - Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 265-FBGA (14x14)
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014035B Datasheet(HTML) 39 Page - Xmos Ltd.

Back Button XM014035B Datasheet HTML 35Page - Xmos Ltd. XM014035B Datasheet HTML 36Page - Xmos Ltd. XM014035B Datasheet HTML 37Page - Xmos Ltd. XM014035B Datasheet HTML 38Page - Xmos Ltd. XM014035B Datasheet HTML 39Page - Xmos Ltd. XM014035B Datasheet HTML 40Page - Xmos Ltd. XM014035B Datasheet HTML 41Page - Xmos Ltd. XM014035B Datasheet HTML 42Page - Xmos Ltd. XM014035B Datasheet HTML 43Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
XU6--FB6 Datasheet
.
ESD Stress Voltage
Symbol
Parameter
MIN
TYP
MAX
UNITS
Notes
HBM
Human body model
-
V
CDM
Charged Device Model
-
V
Figure 8:
ESD stress
voltage
.6 Reset Timing
Symbol
Parameters
MIN
TYP
MAX
UNITS
Notes
T(RST)
Reset pulse width
µs
Vth(VDD)
POR threshold for VDD
.
.8
V
Vth(VDDIOB8)
POR threshold for VDDIOB8
.
.
V
T(INIT)
Initialization time
8
µs
A
Figure
:
Reset timing
A Shows the time taken to start booting after RST_N has gone high.
.
Power Consumption
Symbol
Parameter
MIN TYP MAX
UNITS
Notes
Iddq(VDD)
Quiescent VDD current
mA
A, B, C
PD
Tile power dissipation
.
.
mW/MHz
A, D, E
I(VDD)
Active VDD current
,
mA
A, F
I(PLL_AVDD)
PLL_AVDD current
.
mA
G
I(USB_VDD) (hs)
VDD
current in HS mode
.8
mA
I(USB_VDD) (fs tx)
VDD
current on FS
transmission
mA
I(USB_VDD8) (hs)
VDD8 current in HS mode
6 mA
I(USB_VDD8) (fs tx)
VDD8 current on FS
transmission
6.8
8.
mA
I(VDD) (hs)
VDD current in hs mode
6
mA
I(VDD) (fs tx)
VDD current for USB FS tx
.6
6.
mA
I(MIPI_VDDA)
MIPI_VDDA current
.
mA
I(MIPI_VDD8A)
MIPI_VDD8A current
mA
Figure
:
xCORE Tile
currents
A Use for budgetary purposes only.
B Assumes typical tile and I/O voltages with no switching activity.
C Excludes PLL current.
D Assumes typical tile and I/O voltages with nominal switching activity.
E PD(TYP) value is the usage power consumption under typical operating conditions.
F Measurement conditions: VDD = . V, VDDIO = .8 V,
°C.
G PLL_AVDD = . V
The tile power consumption of the device is highly application dependent and should be
used for budgetary purposes only.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com