Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014035B Datasheet(PDF) 71 Page - Xmos Ltd.

Part # XM014035B
Description  XCore - Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 265-FBGA (14x14)
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014035B Datasheet(HTML) 71 Page - Xmos Ltd.

Back Button XM014035B Datasheet HTML 67Page - Xmos Ltd. XM014035B Datasheet HTML 68Page - Xmos Ltd. XM014035B Datasheet HTML 69Page - Xmos Ltd. XM014035B Datasheet HTML 70Page - Xmos Ltd. XM014035B Datasheet HTML 71Page - Xmos Ltd. XM014035B Datasheet HTML 72Page - Xmos Ltd. XM014035B Datasheet HTML 73Page - Xmos Ltd. XM014035B Datasheet HTML 74Page - Xmos Ltd. XM014035B Datasheet HTML 75Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 101 page
background image
XU6--FB6 Datasheet
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
DW
If set to , set the APP PLL to be bypassed
SS_APP_PLL_BYPASS
8
DW
If set to , use the output of the core PLL as input, otherwise use the
crystal oscillator as input.
SS_APP_PLL_INPUT_FROM_SYS_PLL
DW
If set to , enable the secondary PLL
SS_APP_PLL_ENABLE
6
RO
-
Reserved
:
RW
Output divider value range from to . OD value.
SS_PLL_CTL_POST_DIVISOR
:
RO
-
Reserved
:8
RW
Feedback multiplication ratio, range from (x) to 8
(xFFF).
F value.
SS_PLL_CTL_FEEDBACK_MUL
:6
RO
-
Reserved
:
RW
Oscilator input divider value range from (x) to 6 (xF). R value.
SS_PLL_CTL_INPUT_DIVISOR
xF:
Secondary
PLL settings
D.
DEBUG_N conguration, tile
XCORE0_GLOBAL_DEBUG_CONFIG 0x10
Congures the behavior of the DEBUG_N pin.
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
RW
Set to enable GlobalDebug to generate debug request to XCore.
GLOBAL_DEBUG_ENABLE_GLOBAL_DEBUG_REQ
RW
Set to enable inDebug bit to drive GlobalDebug. GLOBAL_DEBUG_ENABLE_INDEBUG
x:
DEBUG_N
conguration,
tile
D.6 DEBUG_N conguration, tile
XCORE1_GLOBAL_DEBUG_CONFIG 0x11
Congures the behavior of the DEBUG_N pin.
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
RW
Set to enable GlobalDebug to generate debug request to XCore.
GLOBAL_DEBUG_ENABLE_GLOBAL_DEBUG_REQ
RW
Set to enable inDebug bit to drive GlobalDebug. GLOBAL_DEBUG_ENABLE_INDEBUG
x:
DEBUG_N
conguration,
tile
D.
Secondary PLL Fractional N Divider SS_APP_PLL_FRAC_N_DIVIDER 0x12
Controls an optional fractional N Divider on the secondary PLL. When enabled, the mul-
tiplier F for the secondary PLL will effectively become F + f+1
p+1 , f must be less than p.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com