Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014035B Datasheet(PDF) 75 Page - Xmos Ltd.

Part # XM014035B
Description  XCore - Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 265-FBGA (14x14)
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014035B Datasheet(HTML) 75 Page - Xmos Ltd.

Back Button XM014035B Datasheet HTML 71Page - Xmos Ltd. XM014035B Datasheet HTML 72Page - Xmos Ltd. XM014035B Datasheet HTML 73Page - Xmos Ltd. XM014035B Datasheet HTML 74Page - Xmos Ltd. XM014035B Datasheet HTML 75Page - Xmos Ltd. XM014035B Datasheet HTML 76Page - Xmos Ltd. XM014035B Datasheet HTML 77Page - Xmos Ltd. XM014035B Datasheet HTML 78Page - Xmos Ltd. XM014035B Datasheet HTML 79Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 101 page
background image
XU6--FB6 Datasheet
D.
Link conguration and initialization
XLINK 0x80 .. 0x88
These registers contain conguration and debugging information specic to external
links. The link speed and width can be set, the link can be initialized, and the link sta-
tus can be monitored. The registers control links ...
Bits
Perm
Init
Description
Identier
RW
Write to this bit with ’’ will enable the XLink, writing ’’ will disable it.
This bit controls the muxing of ports with overlapping xlinks.
XLINK_ENABLE
RW
: operate in wire mode; : operate in wire mode
XLINK_WIDE
:8
RO
-
Reserved
RO
Rx buffer over ow or illegal token encoding received.
XLINK_RX_ERROR
6
RO
This end of the xlink has issued credit to allow the remote end to
transmit
RX_CREDIT
RO
This end of the xlink has credit to allow it to transmit.
TX_CREDIT
WO
Clear this end of the xlink’s credit and issue a HELLO token. XLINK_HELLO
WO
Reset the receiver. The next symbol that is detected will be the rst
symbol in a token.
XLINK_RX_RESET
RO
-
Reserved
:
RW
Specify min. number of idle system clocks between two continuous
symbols witin a transmit token -.
XLINK_INTRA_TOKEN_DELAY
:
RW
Specify min. number of idle system clocks between two continuous
transmit tokens -.
XLINK_INTER_TOKEN_DELAY
x8 .. x88:
Link
conguration
and
initialization
D.
Static link conguration
XSTATIC 0xA0 .. 0xA7
These registers are used for static (ie, non-routed) links. When a link is made static, all
trafc is forwarded to the designated channel end and no routing is attempted. The
registers control links C, D, A, B, G, H, E, and F in that order.
Bits
Perm
Init
Description
Identier
RW
Enable static forwarding.
XSTATIC_ENABLE
:
RO
-
Reserved
8
RW
The destination processor on this node that packets received in static
mode are forwarded to.
XSTATIC_DEST_PROC
:
RO
-
Reserved
:
RW
The destination channel end on this node that packets received in static
mode are forwarded to.
XSTATIC_DEST_CHAN_END
xA .. xA:
Static link
conguration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com