Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014035B Datasheet(PDF) 66 Page - Xmos Ltd.

Part # XM014035B
Description  XCore - Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 265-FBGA (14x14)
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014035B Datasheet(HTML) 66 Page - Xmos Ltd.

Back Button XM014035B Datasheet HTML 62Page - Xmos Ltd. XM014035B Datasheet HTML 63Page - Xmos Ltd. XM014035B Datasheet HTML 64Page - Xmos Ltd. XM014035B Datasheet HTML 65Page - Xmos Ltd. XM014035B Datasheet HTML 66Page - Xmos Ltd. XM014035B Datasheet HTML 67Page - Xmos Ltd. XM014035B Datasheet HTML 68Page - Xmos Ltd. XM014035B Datasheet HTML 69Page - Xmos Ltd. XM014035B Datasheet HTML 70Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 101 page
background image
XU6--FB6 Datasheet
Number
Perm
Description
Register identier
xD
RW
Padcontrol LPDDR BA/BA
PADCTRL_BA
xD8
RW
Padcontrol LPDDR DQ-DQ
PADCTRL_DQ
xD
RW
Padcontrol LPDDR UDQS/LDQS
PADCTRL_DQS
xDA
RW
Padcontrol LPDDR UDM/LDM
PADCTRL_DM
Figure
:
Summary
(continued)
D.
Device identication
DEVICE_ID0 0x00
This register contains version and revision identiers and the mode-pins as sampled at
boot-time.
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
:6
RO
Sampled values of BootCtl pins on Power On Reset. SS_DEVICE_ID0_BOOT_CTRL
:8
RO
SSwitch revision.
SS_DEVICE_ID0_REVISION
:
RO
SSwitch version.
SS_DEVICE_ID0_VERSION
x:
Device
identication
D.
System switch description
DEVICE_ID1 0x01
This register species the number of processors and links that are connected to this
switch.
Bits
Perm
Init
Description
Identier
:
RO
-
Reserved
:6
RO
Number of SLinks on the SSwitch.
SS_DEVICE_ID1_NUM_SLINKS
:8
RO
Number of processors on the SSwitch.
SS_DEVICE_ID1_NUM_PROCESSORS
:
RO
Number of processors on the device.
SS_DEVICE_ID1_NUM_PLINKS_PER_PROC
x:
System switch
description
D.
Switch conguration
NODE_CONFIG 0x04
This register enables the setting of two security modes (that disable updates to the PLL
or any other registers) and the header-mode.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com