Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32R274VBK2MMM Datasheet(PDF) 70 Page - NXP Semiconductors

Part # FS32R274VBK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VBK2MMM Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button FS32R274VBK2MMM Datasheet HTML 66Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 67Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 68Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 69Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 70Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 71Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 72Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 73Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 78 page
background image
Thermal Specifications
15.1 Thermal characteristics
Table 55. 257MAPBGA package thermal characteristics
Symbol
Parameter
Conditions
257MAPBGA
Unit
RθJA
Thermal resistance, junction-to-ambient natural
convection 1, 2
Single layer board - 1s
41.8
°C/W
Four layer board - 2s2p3
22.3
RθJMA
Thermal resistance, junction-to-ambient forced
convection at 200 ft/min1, 3
Single layer board - 1s
29.8
°C/W
Four layer board - 2s2p
17.7
RθJB
Thermal resistance junction-to-board4
—
7.6
°C/W
RθJC
Thermal resistance junction-to-case5
—
5.2
°C/W
ΨJT
Junction-to-package-top natural convection6
—
0.2
°C/W
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board
thermal resistance.
2. Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
3. Per JEDEC JESD51-6 with the board horizontal.
4. Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC specification
for the specified package. Board temperature is measured on the top surface of the board near the package.
5. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
6. Thermal characterization parameter indicating the temperature difference between the package top and the junction
temperature per JEDEC JESD51-2.
15.1.1 General notes for specifications at maximum junction
temperature
An estimation of the chip junction temperature, TJ, can be obtained from this equation:
TJ = TA + (RθJA × PD)
TJ = TBRD + (RθJB × PD)
where:
• TA = ambient temperature for the package (°C)
• RθJA = junction to ambient thermal resistance (°C/W)
• RθJB = junction to board thermal resistance (°C/W)
• TθBRD = average board temperature just outside the package periphery (°C)
• PD = power dissipation in the package (W)
15
Thermal Specifications
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
70
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com