Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTEC Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 3 Page - Renesas Technology Corp

  ERTEC Datasheet HTML 1Page - Renesas Technology Corp ERTEC Datasheet HTML 2Page - Renesas Technology Corp ERTEC Datasheet HTML 3Page - Renesas Technology Corp ERTEC Datasheet HTML 4Page - Renesas Technology Corp ERTEC Datasheet HTML 5Page - Renesas Technology Corp ERTEC Datasheet HTML 6Page - Renesas Technology Corp ERTEC Datasheet HTML 7Page - Renesas Technology Corp ERTEC Datasheet HTML 8Page - Renesas Technology Corp ERTEC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
3
Data Sheet A17989EE2V0DS00
µPD800261
PIN IDENTIFICATION
(1/2)
A(23:0)
: Address bus
SPI1_SSPRXD
: SPI receive data
D(31:0)
: Data bus
SPI1_SSPTXD
: SPI transmit data
WR_N
: Write strobe
SPI1_SCLKOUT
: SPI clock out
RD_N
: Read strobe
SPI1_SFRMOUT
: SPI serial frame output
CLK_SDRAM
: Clock to SDRAM
SPI1_SFRMIN
: SPI serial frame input
BE(3:0)_DQM(3:0)_N
: Byte enable
SPI1_SCLKIN
: SPI clock in
CS_SDRAM_N
: Chip select to SDRAM
SPI1_SSPCTLOE
: SPI clock and serial frame
output enable
RAS_SDRAM_N
: Row address strobe to
SDRAM
SPI1_SSPOE
: SPI output enable
CAS_SDRAM_N
: Column address strobe to
SDRAM
TXD_P(2:1) 0
: MII transmit data bit 0
WE_SDRAM_N
: RD/WR SDRAM
TXD_P(2:1) 1
: MII transmit data bit 1
CS_PER(3:0)_N
: Chip select
TXD_P(2:1) 2
: MII transmit data bit 2
RDY_PER_N
: Ready signal
TXD_P(2:1) 3
: MII transmit data bit 3
DTR_N
: Direction signal for external
driver or scan clock
RXD_P(2:1) 0
: MII receive data bit 0
OE_DRIVER_N
: Enable signal for external
driver or scan clock
RXD_P(2:1) 1
: MII receive data bit 1
BOOT(3:0)
: Boot mode
RXD_P(2:1) 2
: MII receive data bit 2
CONFIG(6:1)
: System configuration
RXD_P(2:1) 3
: MII receive data bit 3
GPIO(44:0)
: GPIO pins
TX_EN_P(2:1)
: MII transmit enable
UART-TXD
: UART transmit data output
TX_ERR_P(2:1)
: MII transmit error
UART-RXD
: UART receive data input
RX_ER_P(2:1)
: MII receive error
UART-DCD_N
: UART carrier detection
signal
CRS_P(2:1)
: MII carrier sense
UART-DSR_N
: UART data set ready signal
RX_DV_P(2:1)
: MII receive data valid
UART-CTS_N
: UART transmit enable
signal
COL_P(2:1)
: MII collision
LBU_A(20:0)
: LBU address bus
RX_CLK_P(2:1)
: MII receive clock
LBU_D(15:0)
: LBU data bus
TX_CLK_P(2:1)
: MII transmit clock
LBU_WR_N
: LBU write control
SMI_MDC
: MII SMI clock
LBU_RD_N
: LBU read control
SMI_MDIO
: MII SMI input/output
LBU_BE(1:0)_N
: LBU byte enable
RES_PHY_N
: Reset to PHY
LBU_SEG_(1:0)
: LBU page selection
P(2:1)TxP
: Differential transmit output
LBU_IRQ_(1:0)_N
: LBU interrupt request
P(2:1)TxN
: Differential transmit output
LBU_RDY_N
: LBU ready signal
P(2:1)RxP
: Differential receive input
LBU_CS_M_N
: LBU chip select to ERTEC
200 internal resources
P(2:1)RxN
: Differential receive input
LBU_CS_R_N
: LBU chip select to page
configuration registers
P(2:1)TDxP
: FX differential transmit out-
put



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com