Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTEC Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 18Page - Renesas Technology Corp ERTEC Datasheet HTML 19Page - Renesas Technology Corp ERTEC Datasheet HTML 20Page - Renesas Technology Corp ERTEC Datasheet HTML 21Page - Renesas Technology Corp ERTEC Datasheet HTML 22Page - Renesas Technology Corp ERTEC Datasheet HTML 23Page - Renesas Technology Corp ERTEC Datasheet HTML 24Page - Renesas Technology Corp ERTEC Datasheet HTML 25Page - Renesas Technology Corp ERTEC Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
22
Data Sheet A17989EE2V0DS00
µPD800261
Table 1-12: Power Supply Pin Functions
Pin Name
Function
VDD Core
Power supply for core, 1.5 V
GND Core
GND CORE
VDD IO
Power supply for IO, 3.3 V
GND IO
GND for IO
PLL_AVDD
Analog power supply for PLL, 1.5 V
PLL_AGND
Analog GND for PLL
VDDQ (PECL)
Power supply for PECL buffers, 3.3 V
GND (PECL)
GND for PECL buffers
DVDD(4:1)
Digital power supply, 1.5 V
DGND(4:1)
Digital GND
P(2:1)VSSATX(2:1)
Analog port GND
P(2:1)VDDARXTX
Analog port RX/TX power supply, 1.5 V
P(2:1)VSSARX
Analog port GND
VDDAPLL
Analog central power supply, 1.5 V
VDDACB
Analog central power supply, 3.3 V
VSSAPLLCB
Analog central GND
VDD33ESD
Analog test power supply, 3.3 V
VSS33ESD
Analog test GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com