Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTEC Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 43Page - Renesas Technology Corp ERTEC Datasheet HTML 44Page - Renesas Technology Corp ERTEC Datasheet HTML 45Page - Renesas Technology Corp ERTEC Datasheet HTML 46Page - Renesas Technology Corp ERTEC Datasheet HTML 47Page - Renesas Technology Corp ERTEC Datasheet HTML 48Page - Renesas Technology Corp ERTEC Datasheet HTML 49Page - Renesas Technology Corp ERTEC Datasheet HTML 50Page - Renesas Technology Corp ERTEC Datasheet HTML 51Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
48
Data Sheet A17989EE2V0DS00
µPD800261
4.
Recommended Soldering Conditions
Solder this product under the following recommended conditions.
For details of the recommended soldering conditions, refer to the information document
Semiconductor Device Mounting Technology Manual (C10535E).
For soldering methods and conditions other than those recommended please consult NEC.
•
for µPD800261F1-816-HN2-A (lead free device)
Note: The number of days refers to storage at 25°C, 65% RH MAX after the dry pack has been
opened.
After that, prebaking is necessary at 125 °C for 10 to 72 hours.
Table 4-1:
Soldering Conditions for Lead-free Device
Soldering Method
Soldering Condition
Symbol of Recommended Soldering
Condition
Infrared reflow
Package peak temperature: 260°C,
Time: 60 seconds max. (220°C min.),
Number of times: 3 max.,
Number of days: 7 Note
IR60-107-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com