Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTEC Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 14Page - Renesas Technology Corp ERTEC Datasheet HTML 15Page - Renesas Technology Corp ERTEC Datasheet HTML 16Page - Renesas Technology Corp ERTEC Datasheet HTML 17Page - Renesas Technology Corp ERTEC Datasheet HTML 18Page - Renesas Technology Corp ERTEC Datasheet HTML 19Page - Renesas Technology Corp ERTEC Datasheet HTML 20Page - Renesas Technology Corp ERTEC Datasheet HTML 21Page - Renesas Technology Corp ERTEC Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
18
Data Sheet A17989EE2V0DS00
µPD800261
Table 1-5: General Purpose I/O Pin Functions
Pin Name
I/ONote
Function
Alternate FunctionNote
GPIO(44:43)
I/O
General purpose I/O signal
LBU_IRQ(1:0)_N
GPIO42
I/O
General purpose I/O signal
LBU_RDY_N
GPIO41
I/O
General purpose I/O signal
LBU_D15
GPIO40
I/O
General purpose I/O signal
LBU_CS_M_N
GPIO39
I/O
General purpose I/O signal
LBU_CS_R_N
GPIO(38:37)
I/O
General purpose I/O signal
LBU_SEG(1:0)_N
GPIO(36:32)
I/O
General purpose I/O signal
LBU_A(20:16)
GPIO31
I/O
General purpose I/O signal
DBGREQ
GPIO(30:26)
I/O
General purpose I/O signal
-
GPIO25
I/O
General purpose I/O signal
TGEN_OUT1_N
GPIO24
I/O
General purpose I/O signal
PLL_EXT_IN_N
GPIO23
I/O
General purpose I/O signal
SPI1_SCLKIN
GPIO22
I/O
General purpose I/O signal
SPI1_SFRMIN/DBGACK
GPIO21
I/O
General purpose I/O signal
SPI1_SFRMOUT
GPIO20
I/O
General purpose I/O signal
SPI1_CLKOUT
GPIO19
I/O
General purpose I/O signal
SPI1_SSPTXD
GPIO18
I/O
General purpose I/O signal
SPI1_SSPRXD
GPIO17
I/O
General purpose I/O signal
SPI1_SSPOE
GPIO16
I/O
General purpose I/O signal
SPI1_SSPCTLOE
GPIO15
I/O
General purpose I/O signal
WD_WDOUT0_N
GPIO14
I/O
General purpose I/O signal
DBGACK
GPIO13
I/O
General purpose I/O signal
-
GPIO12
I/O
General purpose I/O signal
UART-CTS_N
GPIO11
I/O
General purpose I/O signal
UART-DSR_N
GPIO10
I/O
General purpose I/O signal
UART-DCD_N
GPIO9
I/O
General purpose I/O signal
UART-RXD
GPIO8
I/O
General purpose I/O signal
UART-TXD
GPIO7
I/O
General purpose I/O signal
P2-RX-LED_N/P2-TX-LED_N/P2-ACTIVE-LED_N
GPIO6
I/O
General purpose I/O signal
P1-RX-LED_N/P1-TX-LED_N/P1-ACTIVE-LED_N
GPIO5
I/O
General purpose I/O signal
P2-LINK-LED_N
GPIO4
I/O
General purpose I/O signal
P1-LINK-LED_N
GPIO3
I/O
General purpose I/O signal
P2-SPEED-100LED_N (TX/FX)/P2-SPEED-10LED_N
GPIO2
I/O
General purpose I/O signal
P1-SPEED-100LED_N (TX/FX)/P1-SPEED-10LED_N
GPIO1
I/O
General purpose I/O signal
P2-DUPLEX-LED_N
GPIO0
I/O
General purpose I/O signal
P1-DUPLEX-LED_N
Note: Primary and alternate functions for GPIO(31:0) are selected with the GPIO_PORT_MODE_H and
GPIO_PORT_MODE_L registers; primary and alternate functions for GPIO(44:32) are selected with the
configuration pins. In this table the I/O types are listed for the GPIO function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com