Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTEC Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 21Page - Renesas Technology Corp ERTEC Datasheet HTML 22Page - Renesas Technology Corp ERTEC Datasheet HTML 23Page - Renesas Technology Corp ERTEC Datasheet HTML 24Page - Renesas Technology Corp ERTEC Datasheet HTML 25Page - Renesas Technology Corp ERTEC Datasheet HTML 26Page - Renesas Technology Corp ERTEC Datasheet HTML 27Page - Renesas Technology Corp ERTEC Datasheet HTML 28Page - Renesas Technology Corp ERTEC Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
25
Data Sheet A17989EE2V0DS00
µPD800261
F_CLK
I
3.3 V CMOS
-
-
-
-
REF_CLK
O
-
3.3 V CMOS
-
6 mA
6 mA
RESET_N
I
Schmitt
-
50 k
Ω pull up
-
-
P(2:1)TxN
I/O
Analog
Analog
-
-
-
P(2:1)TxP
I/O
Analog
Analog
-
-
-
P(2:1)TDxN Note 3
O
-
3.3 V CMOS
-
12 mA
12 mA
P(2:1)TDxP Note 3
O
-
3.3 V CMOS
-
12 mA
12 mA
P(2:1)RxN
I/O
Analog
Analog
-
-
-
P(2:1)RxP
I/O
Analog
Analog
-
-
-
P(2:1)RDxN
I
PECL
-
-
-
-
P(2:1)RDxP
I
PECL
-
-
-
-
P(2:1)SDxN
I
PECL
-
-
-
-
P(2:1)SDxP
I
PECL
-
-
-
-
EXTRES
I/O
Analog
Analog
-
-
-
TRST_N
I
Schmitt
-
-
-
-
TCK
I
Schmitt
-
50 k
Ω pull up
-
-
TDI
I
Schmitt
-
50 k
Ω pull up
-
-
TMS
I
Schmitt
-
50 k
Ω pull up
-
-
TDO
O
-
3.3 V CMOS
-
6 mA
6 mA
SRST_N
I/O
Schmitt
3.3 V CMOS
50 k
Ω pull up
6 mA
6 mA
TAP_SEL
I
Schmitt
-
50 k
Ω pull up
-
-
Notes: 1. The address pins A(23:15) and the DTR_N pin are used as inputs only during the active reset phase.
2. These pins have alternative functions, to which the pin characteristics apply as well. Note that the I/O
type given in Table 1-14 applies to the pin. I/O types that apply to one of the shared functions of a
specific pin are found in Tables 1-1 to 1-12.
3. These pins require external circuitry in order to provide PECL compliant output levels.
Remark:
Shared pins are not listed with all possible pin names. Please check Tables 1-1 to 1-11 for possible
pin names first, before looking up pin characteristics in Table 1-14.
Table 1-14:
Pin Characteristics (2/2)
Pin Name
I/O
Input type
Output type
Internal pull
up/down
Drive capability
IOH
IOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com