Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTEC Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 3Page - Renesas Technology Corp ERTEC Datasheet HTML 4Page - Renesas Technology Corp ERTEC Datasheet HTML 5Page - Renesas Technology Corp ERTEC Datasheet HTML 6Page - Renesas Technology Corp ERTEC Datasheet HTML 7Page - Renesas Technology Corp ERTEC Datasheet HTML 8Page - Renesas Technology Corp ERTEC Datasheet HTML 9Page - Renesas Technology Corp ERTEC Datasheet HTML 10Page - Renesas Technology Corp ERTEC Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
7
Data Sheet A17989EE2V0DS00
µPD800261
H4
A23/CONFIG6
M4
WE_SDRAM_N
H5
A22/CONFIG5
M5
RAS_SDRAM_N
H6
GND IO
M18
P2VSSATX1
H17
GNDNote
M19
GNDNote
H18
GND33ESD
M21
P2TxN
H19
DVDD2
M22
P2TxP
H21
DGND1
N1
VDD IO
H22
VDDACB
N2
D1
J1
GND IO
N4
BE0_DQM0_N
J2
A16/BOOT2
N5
D20
J4
BE2_DQM2_N
N6
D21
J5
leave open
N17
P2VSSARX
J6
D18
N18
P2VDDARXTX
J17
P1VSSARX
N19
GNDNote
J18
GNDNote
N21
GNDNote
J19
P1VDDARXTX
N22
GNDNote
J21
P1TxN
P1
D2
J22
P1TxP
P2
D3
K1
A18/CONFIG1
P4
D25
K2
A17/BOOT3
P5
BE3_DQM3_N
K4
D16
P6
D22
K5
D17
P17
GNDNote
K6
D19
P18
GNDNote
K17
P1VSSATX1
P19
GNDNote
K18
P1VSSATX2
P21
P2RxP
K19
VDDAPLL
P22
P2RxN
K21
GNDNote
R1
D4
K22
GNDNote
R2
VDD Core
L1
CS_SDRAM_N
R4
D26
L2
CAS_SDRAM_N
R5
D23
L4
VDD Core
R6
D24
L5
GND Core
R17
DGND3
L18
VSSAPLLCB
R18
GNDNote
L19
P2VSSATX2
R19
VDDQ (PECL)
L21
EXTRES
R21
DVDD4
L22
leave open
R22
DVDD3
M1
CLK_SDRAM
T1
GND IO
M2
D0
T2
D5
Note: Connect to GND to improve heat dissipation; pins may as well be left open.
(3/5)
Pin
Number
Pin Name
Pin
Number
Pin Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com