Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTEC Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 16Page - Renesas Technology Corp ERTEC Datasheet HTML 17Page - Renesas Technology Corp ERTEC Datasheet HTML 18Page - Renesas Technology Corp ERTEC Datasheet HTML 19Page - Renesas Technology Corp ERTEC Datasheet HTML 20Page - Renesas Technology Corp ERTEC Datasheet HTML 21Page - Renesas Technology Corp ERTEC Datasheet HTML 22Page - Renesas Technology Corp ERTEC Datasheet HTML 23Page - Renesas Technology Corp ERTEC Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
20
Data Sheet A17989EE2V0DS00
µPD800261
Table 1-9: Clock and Reset Pin Functions
Pin Name
I/O
Function
Alternate Function
TRACECLK
O
ETM trace or scan clock
-
CLKP_A
I
Quartz connection
-
CLKP_B
O
Quartz connection
-
F_CLK
I
F_CLK for F-counter
-
REF_CLK
I/O
Reference clock
-
RESET_N
I
Power On reset
-
Table 1-10: JTAG and Debug Interface Pin Functions
Pin Name
I/ONote
Function
Alternate FunctionNote
TRST_N
I
JTAG reset signal
-
TCK
I
JTAG clock signal
-
TDI
I
JTAG data input signal
-
TMS
I
JTAG test mode select signal
-
TDO
O
JTAG data output signal
-
SRST_N
I/O
Hardware reset for debug usage
-
DBGREQ
I
Debug request signal
GPIO31
DBGACK
O
Debug acknowledge signal
GPIO14/GPIO22/SPI1_SFRMIN
TAP_SEL
I
TAP controller select signal
-
Note: The DBGREQ (DBGACK) pin is alternatively used as GPIO (GPIO or SPI1) pin; the function is selected
with the GPIO_PORT_MODE_H and GPIO_PORT_MODE_L registers. In this table the I/O type is listed
for the DBGREQ (DBGACK) function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com