Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTEC Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 23Page - Renesas Technology Corp ERTEC Datasheet HTML 24Page - Renesas Technology Corp ERTEC Datasheet HTML 25Page - Renesas Technology Corp ERTEC Datasheet HTML 26Page - Renesas Technology Corp ERTEC Datasheet HTML 27Page - Renesas Technology Corp ERTEC Datasheet HTML 28Page - Renesas Technology Corp ERTEC Datasheet HTML 29Page - Renesas Technology Corp ERTEC Datasheet HTML 30Page - Renesas Technology Corp ERTEC Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
27
Data Sheet A17989EE2V0DS00
µPD800261
TDONote 6
O-
O
L
-
SRST_N
I/O
50 k
Ω pull up
O
L
-
TAP_SEL
I
50 k
Ω pull up
I
H
-
Notes: 1. These pins are used as inputs only during the active reset phase. The levels during reset shown in
Table 1-15 refer to the default configuration without external pull-up/down resistors connected to
BOOT(3:0) and CONFIG(6:1)
2. These pins have alternative functions, to which the pin characteristics apply as well. Note that the I/O
type given in Table 1-15 applies to the pin. I/O types that apply to one of the shared functions of a
specific pin are found in Tables 1-1 to 1-12.
3. The reset behaviour of this pin is determined by the CONFIG1 signal.
4. RESET_N must be externally driven low in order to reset the device.
5. High level is generated from external pull up resistor and not by internal device circuitry.
6. The reset signal, that affects these signals, is TRST_N.
7. All trace interface pins are configured as inputs in the default configuration that is determined by the
internal pull-up/down resistors at the CONFIG(6:5) and CONFIG1 pins.
Remarks: 1. Shared pins are not listed with all possible pin names. Please check Tables 1-1 to 1-11 for possi-
ble pin names first, before looking up reset characteristics and recommended connections in
Table 1-15.
2. I/O and level during reset are given for the default configuration that is determined by the internal
pull-up/down resistors at the CONFIG(6:5) and CONFIG1 pins.
Table 1-15:
Pin Status During Reset and Recommended Connections (2/2)
Pin Name
I/O
Internal pull
up/down
I/O during
reset
Level
during reset
External pull
up/down required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com